Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0002SQ Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH0002SQ
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0002SQ Datasheet(HTML) 5 Page - Texas Instruments

  LMH0002SQ Datasheet HTML 1Page - Texas Instruments LMH0002SQ Datasheet HTML 2Page - Texas Instruments LMH0002SQ Datasheet HTML 3Page - Texas Instruments LMH0002SQ Datasheet HTML 4Page - Texas Instruments LMH0002SQ Datasheet HTML 5Page - Texas Instruments LMH0002SQ Datasheet HTML 6Page - Texas Instruments LMH0002SQ Datasheet HTML 7Page - Texas Instruments LMH0002SQ Datasheet HTML 8Page - Texas Instruments LMH0002SQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
10 k:
SDI
SDI
VCC
10 k:
5 k:
80:
VCC
10 k:
LMH0002
www.ti.com
SNLS215E – JANUARY 2006 – REVISED APRIL 2013
APPLICATION INFORMATION
Device Operation
INPUT INTERFACING
The LMH0002 accepts either differential or single-ended input. The inputs are self-biased, allowing for simple AC
or DC coupling. DC-coupled inputs must be kept within the specified common-mode range. SDI and SDI are self-
biased at approximately 2.1V with VCC = 3.3V. Figure 3 shows the differential input stage for SDI and SDI.
Figure 3. Differential Input Stage for SDI and SDI.
OUTPUT INTERFACING
The LMH0002 uses current mode outputs. Single-ended output levels are 800 mVP-P into 75Ω AC-coupled
coaxial cable (with RREF = 750Ω). Output level is controlled by the value of the RREF resistor connected between
the RREF pin and VCC.
The RREF resistor should be placed as close as possible to the RREF pin. In addition, the copper in the plane
layers below the RREF network should be removed to minimize parasitic capacitance.
OUTPUT SLEW RATE CONTROL
The LMH0002 output rise and fall times are selectable for either SMPTE 259M or SMPTE 292M compliance via
the SD/HD pin. For slower rise and fall times, or SMPTE 259M compliance, SD/HD is set high. For faster rise
and fall times, or SMPTE 292M compliance, SD/HD is set low.
REPLACING THE GENNUM GS1528, GS1528A, and GS1578A
The LMH0002MA is form-fit-function compatible with the Gennum GS1528 and GS1528A. The LMH0002SQ is
form-fit-function compatible with the Gennum GS1578A.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0002


Similar Part No. - LMH0002SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0002SQ NSC-LMH0002SQ Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002SQ TI-LMH0002SQ Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQ TI1-LMH0002SQ Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQ TI-LMH0002SQ Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQ TI1-LMH0002SQ Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results

Similar Description - LMH0002SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Serial Digital Cable Driver
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
   Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com