Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6644MA Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6644MA
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6644MA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6644MA Datasheet HTML 7Page - Texas Instruments LMH6644MA Datasheet HTML 8Page - Texas Instruments LMH6644MA Datasheet HTML 9Page - Texas Instruments LMH6644MA Datasheet HTML 10Page - Texas Instruments LMH6644MA Datasheet HTML 11Page - Texas Instruments LMH6644MA Datasheet HTML 12Page - Texas Instruments LMH6644MA Datasheet HTML 13Page - Texas Instruments LMH6644MA Datasheet HTML 14Page - Texas Instruments LMH6644MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
25°C
85°C
1
10
100
1K
ISINK (mA)
0.01
0.1
1
10
-40°C
VS=±1.5V
1
10
100
1k
ISOURCE (mA)
0.01
0.1
1
10
85°C
25°C
-40°C
VS = ±1.5V
0.5
1
1.5
2
INPUT STEP AMPLITUDE (VPP)
0
10
20
30
40
50
60
70
80
VS = 5V
AV = -1
Rf = RL = 2k
CL = 8pF
10
100
1K
10K
100K
FREQUENCY (Hz)
1
10
100
1k
1M
100
10
1
0.1
CURRENT
VOLTAGE
5.0
0.0
1.0
2.0
3.0
4.0
-20
-30
-40
-50
-60
-70
-80
-90
VOUT (VPP)
VS = 5V, AV = +2
RL = 2k: &100: to VS/2
100:,1MHz
100:,
5MHz
2k:,5MHz
2k:,10MHz
100:, 10MHz
0
1
2
3
4
5
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
VOUT (VPP)
5MHz
10MHz
RL = 2k TO VS/2
VS = 5V
AV = -1
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V= −5V, R
F = RL = 2kΩ. Unless otherwise specified.
HD3 vs. Output Swing
THD (dBc) vs. Output Swing
Figure 25.
Figure 26.
Settling Time vs. Input Step Amplitude (Output Slew and
Settle Time)
Input Noise vs. Frequency
Figure 27.
Figure 28.
VOUT from V
+ vs. I
SOURCE
VOUT from V
vs. I
SINK
Figure 29.
Figure 30.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6644MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6644MA NSC-LMH6644MA Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6644MA TI-LMH6644MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MA TI-LMH6644MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6644MA NSC-LMH6644MA Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6644MA/NOPB TI1-LMH6644MA/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com