Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6644MAX Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6644MAX
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6644MAX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6644MAX Datasheet HTML 2Page - Texas Instruments LMH6644MAX Datasheet HTML 3Page - Texas Instruments LMH6644MAX Datasheet HTML 4Page - Texas Instruments LMH6644MAX Datasheet HTML 5Page - Texas Instruments LMH6644MAX Datasheet HTML 6Page - Texas Instruments LMH6644MAX Datasheet HTML 7Page - Texas Instruments LMH6644MAX Datasheet HTML 8Page - Texas Instruments LMH6644MAX Datasheet HTML 9Page - Texas Instruments LMH6644MAX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO = 0V, VID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to ground. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
BW
−3dB BW
AV = +1, VOUT = 200mVPP
95
130
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB
0.1dB Gain Flatness
AV = +2, RL = 150Ω to V+/2,
12
MHz
Rf = 806Ω, VOUT = 200mVPP
PBW
Full Power Bandwidth
AV = +1, −1dB, VOUT = 2VPP
24
MHz
en
Input-Referred Voltage Noise
f = 100kHz
17
nV/
√Hz
f = 1kHz
48
in
Input-Referred Current Noise
f = 100kHz
0.90
pA/
√Hz
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = +2
−62
dBc
DG
Differential Gain
NTSC, AV = +2
0.15
RL = 150Ω to V
+/2
%
RL = 1kΩ to V
+/2
0.01
DP
Differential Phase
NTSC, AV = +2
0.04
RL = 150Ω to V
+/2
deg
RL = 1kΩ to V
+/2
0.01
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
47
dB
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load,
68
ns
VS = 5V
SR
Slew Rate (3)
AV = −1, VI = 2VPP
100
135
V/µs
VOS
Input Offset Voltage
For LMH6642 and LMH6644
±1
±5
±7
mV
For LMH6643
±1
±3.4
±7
TC VOS
Input Offset Average Drift
See (4)
±5
µV/°C
IB
Input Bias Current
See (5)
−1.60
−2.60
µA
−3.25
IOS
Input Offset Current
20
800
nA
1000
RIN
Common Mode Input Resistance
3
M
CIN
Common Mode Input
2
pF
Capacitance
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−5.5
−5.2
Range
−5.1
V
3.8
4.0
3.6
CMRR
Common Mode Rejection Ratio
VCM Stepped from −5V to 3.5V
74
95
dB
AVOL
Large Signal Voltage Gain
VO = −4.5V to 4.5V,
88
96
RL = 2kΩ
84
dB
VO = −4.0V to 4.0V,
78
82
RL = 150Ω
74
VO
Output Swing
RL = 2kΩ, VID = 200mV
4.90
4.96
V
High
RL = 150Ω, VID = 200mV
4.65
4.80
Output Swing
RL = 2kΩ, VID = −200mV
−4.96
−4.90
V
Low
RL = 150Ω, VID = −200mV
−4.80
−4.65
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6644MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX/NOPB TI1-LMH6644MAX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6644MAXEP NSC-LMH6644MAXEP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAXNOPB NSC-LMH6644MAXNOPB Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com