Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM25574
Description  LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25574 Datasheet(HTML) 1 Page - Texas Instruments

  LM25574 Datasheet HTML 1Page - Texas Instruments LM25574 Datasheet HTML 2Page - Texas Instruments LM25574 Datasheet HTML 3Page - Texas Instruments LM25574 Datasheet HTML 4Page - Texas Instruments LM25574 Datasheet HTML 5Page - Texas Instruments LM25574 Datasheet HTML 6Page - Texas Instruments LM25574 Datasheet HTML 7Page - Texas Instruments LM25574 Datasheet HTML 8Page - Texas Instruments LM25574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM25574
VIN
VOUT
SYNC
SD
LM25574, LM25574-Q1
www.ti.com
SNVS483G – JANUARY 2007 – REVISED APRIL 2013
LM25574/LM25574-Q1 SIMPLE SWITCHER® 42V, 0.5A Step-Down Switching Regulator
Check for Samples: LM25574, LM25574-Q1
1
FEATURES
DESCRIPTION
The
LM25574
is
an
easy
to
use
SIMPLE
23
LM25574-Q1 is an Automotive Grade Product
SWITCHER® buck regulator which allows design
that is AEC-Q100 Grade 1 Qualified (
−40°C to +
engineers to design and optimize a robust power
125°C Operating Junction Temperature)
supply
using
a
minimum
set
of
components.
Integrated 42V, 750m
Ω N-channel MOSFET
Operating with an input voltage range of 6 - 42V, the
LM25574 delivers 0.5A of continuous output current
Ultra-wide Input Voltage Range from 6V to 42V
with an integrated 750m
Ω N-Channel MOSFET. The
Adjustable Output Voltage as Low as 1.225V
regulator
utilizes
an
Emulated
Current
Mode
1.5% Feedback Reference Accuracy
architecture which provides inherent line regulation,
Operating Frequency Adjustable Between
tight load transient response, and ease of loop
compensation without the usual limitation of low-duty
50kHz and 1MHz with Single Resistor
cycles associated with current mode regulators. The
Master or Slave Frequency Synchronization
operating frequency is adjustable from 50kHz to
Adjustable Soft-Start
1MHz to allow optimization of size and efficiency. To
Emulated Current Mode Control Architecture
reduce EMI, a frequency synchronization pin allows
multiple IC’s from the LM(2)557x family to self-
Wide Bandwidth Error Amplifier
synchronize or to synchronize to an external clock.
Built-in Protection
The LM25574 guarantees robustness with cycle-by-
Automotive Grade Product Datasheet that is
cycle current limit, short-circuit protection, thermal
shut-down, and remote shut-down. The device is
AEC-Q100 Grade 0 Qualified is Available Upon
available in a TSSOP-16 package. The LM25574 is
Request.
supported by the full suite of WEBENCH® On-Line
(
−40°C to + 150°C Operating Junction
design tools.
Temperature)
PACKAGE
APPLICATIONS
TSSOP-16
Automotive
Industrial
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM25574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25574 NSC-LM25574 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI-LM25574 Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM25574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25574MTX TI-LM25574MTX Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576MHX TI1-LM25576MHX Datasheet
1Mb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com