Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22670 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM22670
Description  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22670 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM22670 Datasheet HTML 6Page - Texas Instruments LM22670 Datasheet HTML 7Page - Texas Instruments LM22670 Datasheet HTML 8Page - Texas Instruments LM22670 Datasheet HTML 9Page - Texas Instruments LM22670 Datasheet HTML 10Page - Texas Instruments LM22670 Datasheet HTML 11Page - Texas Instruments LM22670 Datasheet HTML 12Page - Texas Instruments LM22670 Datasheet HTML 13Page - Texas Instruments LM22670 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
LM22670
SNVS584O – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Figure 15. SOA 300 kHz
Figure 16. SOA 500 kHz
Figure 17. SOA 800 kHz
Soft-Start
The soft-start feature allows the regulator to gradually reach steady-state operation, thus reducing start-up
stresses. The internal soft-start feature brings the output voltage up in about 500 µs. This time is fixed and can
not be changed. Soft-start is reset any time the part is shut down or a thermal overload event occurs.
Switching Frequency Adjustment and Synchronization
The LM22670 will operate in three different modes, depending on the condition of the RT/SYNC pin. With the
RT/SYNC pin floating, the regulator will switch at the internally set frequency of 500 kHz (typ.). With a resistor in
the range of 25 k
Ω to 200 kΩ, connected from RT/SYNC to ground, the internal switching frequency can be
adjusted from 1MHz to 200 kHz. Figure 18 shows the typical curve for switching frequency vs. the external
resistance connected to the RT/SYNC pin. The accuracy of the switching frequency, in this mode, is slightly
worse than that of the internal oscillator; about +/- 25% is to be expected. Finally, an external clock can be
applied to the RT/SYNC pin to allow the regulator to synchronize to a system clock or another LM22670. The
mode is set during start-up of the regulator. When the LM22670 is enabled, or after VIN is applied, a weak pull-up
is connected to the RT/SYNC pin and, after approximately 100 µs, the voltage on the pin is checked against a
threshold of about 0.8V. With the RT/SYNC pin open, the voltage floats above this threshold, and the mode is set
to run with the internal clock. With a frequency set resistor present, an internal reference holds the pin voltage at
0.8V; the resulting current sets the mode to allow the resistor to control the clock frequency. If the external circuit
forces the RT/SYNC pin to a voltage much greater or less than 0.8v, the mode is set to allow external
synchronization. The mode is latched until either the EN or the input supply is cycled.
The choice of switching frequency is governed by several considerations. As an example, lower frequencies may
be desirable to reduce switching losses or improve duty cycle limits. Higher frequencies, or a specific frequency,
may be desirable to avoid problems with EMI or reduce the physical size of external components. The flexibility
of increasing the switching frequency above 500 kHz can also be used to operate outside a critical signal
frequency band for a given application. Keep in mind that the values of inductor and output capacitor cannot be
reduced dramatically, by operating above 500 kHz. This is true because the design of the internal loop
compensation restricts the range of these components.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22670


Similar Part No. - LM22670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22670 NSC-LM22670 Datasheet
525Kb / 20P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670 TI1-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22670 TI-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670-Q1 TI-LM22670-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Similar Description - LM22670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com