Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16GA004 Datasheet(PDF) 11 Page - Microchip Technology

Part # 16GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16GA004 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 16GA004 Datasheet HTML 7Page - Microchip Technology 16GA004 Datasheet HTML 8Page - Microchip Technology 16GA004 Datasheet HTML 9Page - Microchip Technology 16GA004 Datasheet HTML 10Page - Microchip Technology 16GA004 Datasheet HTML 11Page - Microchip Technology 16GA004 Datasheet HTML 12Page - Microchip Technology 16GA004 Datasheet HTML 13Page - Microchip Technology 16GA004 Datasheet HTML 14Page - Microchip Technology 16GA004 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 11
PIC24FJ64GA004 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24FJ64GA004 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
16K
32K
48K
64K
16K
32K
48K
64K
Program Memory (instructions)
5,504
11,008
16,512
22,016
5,504
11,008
16,512
22,016
Data Memory (bytes)
4096
8192
4096
8192
Interrupt Sources
(soft vectors/NMI traps)
43
(39/4)
I/O Ports
Ports A, B
Ports A, B, C
Total I/O Pins
21
35
Timers:
Total Number (16-bit)
5(1)
32-Bit (from paired 16-bit timers)
2
Input Capture Channels
5(1)
Output Compare/PWM Channels
5(1)
Input Change Notification Interrupt
21
30
Serial Communications:
UART
2(1)
SPI (3-wire/4-wire)
2(1)
I2C™
2
Parallel Communications (PMP/PSP)
Yes
JTAG Boundary Scan
Yes
10-Bit Analog-to-Digital Module
(input channels)
10
13
Analog Comparators
2
Remappable Pins
16
26
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word Mismatch
(PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
28-Pin SPDIP/SSOP/SOIC/QFN
44-Pin QFN/TQFP
Note 1:
Peripherals are accessible through remappable pins.


Similar Part No. - 16GA004

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
16G6H EDAL-16G6H Datasheet
320Kb / 1P
   Silicon High Voltage Assembly
16G6H1 EDAL-16G6H1 Datasheet
361Kb / 1P
   Silicon High Voltage Assembly
logo
Cooper Bussmann, Inc.
16GD27 COOPER-16GD27 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Semikron International
16GH066V1 SEMIKRON-16GH066V1 Datasheet
839Kb / 4P
   H-bridge inverter
16GH066V1 SEMIKRON-16GH066V1_09 Datasheet
839Kb / 4P
   H-bridge inverter
More results

Similar Description - 16GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004 Datasheet
4Mb / 256P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2007
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_08 Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_13 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_1 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com