Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7846E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7846E
Description  TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7846E Datasheet(HTML) 2 Page - Texas Instruments

  ADS7846E Datasheet HTML 1Page - Texas Instruments ADS7846E Datasheet HTML 2Page - Texas Instruments ADS7846E Datasheet HTML 3Page - Texas Instruments ADS7846E Datasheet HTML 4Page - Texas Instruments ADS7846E Datasheet HTML 5Page - Texas Instruments ADS7846E Datasheet HTML 6Page - Texas Instruments ADS7846E Datasheet HTML 7Page - Texas Instruments ADS7846E Datasheet HTML 8Page - Texas Instruments ADS7846E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADS7846
2
SBAS125H
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to GND ........................................................................ –0.3V to +6V
Analog Inputs to GND ............................................ –0.3V to +VCC + 0.3V
Digital Inputs to GND ............................................. –0.3V to +VCC + 0.3V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings can cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
MAXIMUM
INTEGRAL
SPECIFIED
LINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
PRODUCT
ERROR (LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
ADS7846E
±2
SSOP-16
DBQ
–40
°C to +85°C
ADS7846E
ADS7846E
""
"
"
"
"
ADS7846E/2K5
ADS7846N
±2
TSSOP-16
PW
–40
°C to +85°C
ADS7846N
ADS7846N
""
"
"
"
"
ADS7846N/2K5
""
"
"
"
"
ADS7846N/2K5G4
ADS7846I
±2
VFBGA-48
GQC
–40
°C to +85°C
ADS7846
ADS7846IGQCR
ADS7846I
±2
QFN-16
RGV
–40
°C to +85°C
ADS7846
ADS7846IRGVT
""
"
"
"
"
ADS7846IRGVR
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI web site
at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Similar Part No. - ADS7846E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7846E BURR-BROWN-ADS7846E Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
ADS7846E TI1-ADS7846E Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846E BURR-BROWN-ADS7846E Datasheet
1Mb / 30P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7846E TI-ADS7846E Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846E/2K5 BURR-BROWN-ADS7846E/2K5 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
More results

Similar Description - ADS7846E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com