Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4951SD Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4951SD
Description  LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4951SD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4951SD Datasheet HTML 3Page - Texas Instruments LM4951SD Datasheet HTML 4Page - Texas Instruments LM4951SD Datasheet HTML 5Page - Texas Instruments LM4951SD Datasheet HTML 6Page - Texas Instruments LM4951SD Datasheet HTML 7Page - Texas Instruments LM4951SD Datasheet HTML 8Page - Texas Instruments LM4951SD Datasheet HTML 9Page - Texas Instruments LM4951SD Datasheet HTML 10Page - Texas Instruments LM4951SD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
10m
100m
OUTPUT POWER (W)
0.01
0.1
1
10
1
20m
200m
2
50m
500m
3
0.02
0.2
2
0.05
0.5
5
10m
100m
OUTPUT POWER (W)
0.1
10
1
20m
200m
2
50m
500m
3
1
0.2
2
0.5
5
100m
1
OUTPUT POWER (W)
0.1
1
10
10m
200m
20m
500m
50m
0.2
2
0.5
5
10m
100m
1
OUTPUT POWER (W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20m
200m
50m
500m
10m
500m
OUTPUT POWER (W)
0.1
10
20m
30m
40m
50m
60m
70m
80m
400m
300m
200m
100m
1
0.2
2
0.5
5
10m
30m
100m
500m
OUTPUT POWER (W)
0.01
0.1
10
1
LM4951
www.ti.com
SNAS244N – AUGUST 2004 – REVISED MAY 2013
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V, f = 1kHz, AV = 6dB
VDD = 3.3V, f = 1kHz, AV = 26dB
Figure 10.
Figure 11.
THD+N vs Output Power
THD+N vs Output Power
VDD = 5V, f = 1kHz, AV = 6dB
VDD = 5V, f = 1kHz, AV = 26dB
Figure 12.
Figure 13.
THD+N vs Output Power
THD+N vs Output Power
VDD = 7.5V, f = 1kHz, AV = 6dB
VDD = 7.5V, f = 1kHz, AV = 26dB
Figure 14.
Figure 15.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4951


Similar Part No. - LM4951SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4951SD/NOPB TI1-LM4951SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951SDX/NOPB TI1-LM4951SDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
More results

Similar Description - LM4951SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com