Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488 Datasheet(HTML) 2 Page - Texas Instruments

  LM3488 Datasheet HTML 1Page - Texas Instruments LM3488 Datasheet HTML 2Page - Texas Instruments LM3488 Datasheet HTML 3Page - Texas Instruments LM3488 Datasheet HTML 4Page - Texas Instruments LM3488 Datasheet HTML 5Page - Texas Instruments LM3488 Datasheet HTML 6Page - Texas Instruments LM3488 Datasheet HTML 7Page - Texas Instruments LM3488 Datasheet HTML 8Page - Texas Instruments LM3488 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. 8-Lead VSSOP Package
PIN DESCRIPTIONS
Pin Name
Pin
Description
No.
ISEN
1
Current sense input pin. Voltage generated across an external sense resistor is fed into this pin.
COMP
2
Compensation pin. A resistor, capacitor combination connected to this pin provides compensation for the control
loop.
FB
3
Feedback pin. The output voltage should be adjusted using a resistor divider to provide 1.26V at this pin.
AGND
4
Analog ground pin.
PGND
5
Power ground pin.
DR
6
Drive pin of the IC. The gate of the external MOSFET should be connected to this pin.
FA/SYNC/SD
7
Frequency adjust, synchronization, and Shutdown pin. A resistor connected to this pin sets the oscillator
frequency. An external clock signal at this pin will synchronize the controller to the frequency of the clock. A high
level on this pin for
≥ 30µs will turn the device off. The device will then draw less than 10µA from the supply.
VIN
8
Power supply input pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Input Voltage
45V
FB Pin Voltage
-0.4V < VFB < 7V
FA/SYNC/SD Pin Voltage
-0.4V < VFA/SYNC/SD < 7V
Peak Driver Output Current (<10µs)
1.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
ESD Susceptibilty
Human Body Model(2)
2kV
Lead Temperature
Vapor Phase (60 sec.)
215°C
Infared (15 sec.)
260°C
DR Pin Voltage
−0.4V ≤ VDR ≤ 8V
ILIM Pin Voltage
600mV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1


Similar Part No. - LM3488

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results

Similar Description - LM3488

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com