Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2751SDX-A Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2751SDX-A
Description  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2751SDX-A Datasheet(HTML) 4 Page - Texas Instruments

  LM2751SDX-A Datasheet HTML 1Page - Texas Instruments LM2751SDX-A Datasheet HTML 2Page - Texas Instruments LM2751SDX-A Datasheet HTML 3Page - Texas Instruments LM2751SDX-A Datasheet HTML 4Page - Texas Instruments LM2751SDX-A Datasheet HTML 5Page - Texas Instruments LM2751SDX-A Datasheet HTML 6Page - Texas Instruments LM2751SDX-A Datasheet HTML 7Page - Texas Instruments LM2751SDX-A Datasheet HTML 8Page - Texas Instruments LM2751SDX-A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM2751
SNVS299B – APRIL 2005 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = 25ºC. Limits in boldface type apply over the full operating ambient temperature range
(-40°C
≤ TA ≤ +85°C) . Unless otherwise noted, specifications apply to the LM2751 Typical Application Circuit (pg. 1) with: VIN
= 3.6V, V(EN) = VIN, CS0 = CS1 = VIN, C1 = C2 = 1.0µF, CIN = COUT = 2.2µF
(3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
Version A, 2.8V
≤ VIN ≤ 5.5V,
4.850
5.0
5.150
V
Freq. = 300kHz, 725kHz, TA = 25°C
(-3%)
(+3%)
IOUT = 0 to 60mA
Version A, 2.8V
≤ VIN ≤ 5.5V,
4.775
5.225
Freq. = 300kHz, IOUT = 0 to 60mA
(-4.5%)
(+4.5%)
Freq. = 725kHz, IOUT = 0 to 80mA
Version B, 2.8V
≤ VIN ≤ 5.5V,
4.343
4.5
4.658
Freq. = 300kHz, 725kHz, TA = 25°C
(-3.5%)
(+3.5%)
IOUT = 0 to 120mA
Version B, 2.8V
≤ VIN ≤ 5.5V,
4.275
4.725
Freq. = 300kHz, IOUT = 0 to 120mA
(-5%)
(+5%)
Freq. = 725kHz, IOUT = 0 to 150mA
VR
Output Ripple
2.8V
≤ VIN ≤ 5.5V
8
mV
IOUT = 60mA
IQ
Quiescent Current
Freq. = 9.5kHz, IOUT = 0mA, VIN = 3.7V
425
600
µA
Freq. = 37kHz, IOUT = 0mA, VIN = 3.7V
450
640
Freq. = 300kHz, IOUT = 0mA, VIN = 3.7V
700
900
Freq. = 725kHz, IOUT = 0mA, VIN = 3.7V
1000
1500
ISD
Shutdown Supply Current
V(EN) = 0V
0.77
1.3
µA
V(EN) = 0V, TA = 85°C
1.0
E
Efficiency
IOUT = 80mA (Version A, 5.0V)
92
%
Freq. = 300kHz, 725kHz
IOUT = 150mA (Version B, 4.5V)
83
Freq. = 300kHz, 725kHz
f
SW
Switching Frequency
CS0 = High, CS1 = Low
6.7
9.5
12.3
kHz
2.8V
≤ VIN ≤ 5.5V
(
−30%)
(+30%)
CS0 = Low, CS1 = Low
26
37
48
2.8V
≤ VIN ≤ 5.5V
(
−30%)
(+30%)
CS0 = Low, CS1 = High
210
300
390
2.8V
≤ VIN ≤ 5.5V
(
−30%)
(+30%)
CS0 = High, CS1 = High
508
725
942
2.8V
≤ VIN ≤ 5.5V
(
−30%)
(+30%)
VIH
Logic Input High
Input Pins: EN, CS0, CS1
1.00
VIN
V
2.8V
≤ VIN ≤ 5.5V
VIL
Logic Input Low
Input Pins: EN, CS0, CS1
0
.30
V
2.8V
≤ VIN ≤ 5.5V
IIH
Logic Input High Current
Input Pins: CS0, CS1
10
nA
V(CSx) = 1.8V
Input Pin: EN
2
µA
V(EN) = 1.8V(4)
IIL
Logic Input Low Current
Input Pins: EN, CS0, CS1
10
nA
V(EN, CSx) = 0V
VG
Gain Transition Voltage
1.5X to 2X
3.50
V
(Version A, B)
2X to 1.5X
3.58
Hysteresis
40
80
150
mV
ISC
Short Circuit Output
VOUT = 0V
250
mA
Current
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but represent the most likely
norm.
(3)
CIN, COUT, C1, and C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
EN Logic Input High Current (IIH) is due to a 1MΩ(typ.) pull-down resistor connected internally between the EN pin and GND.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2751


Similar Part No. - LM2751SDX-A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2751SDX-A NSC-LM2751SDX-A Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Similar Description - LM2751SDX-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com