Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2672 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2672
Description  LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2672 Datasheet(HTML) 1 Page - Texas Instruments

  LM2672 Datasheet HTML 1Page - Texas Instruments LM2672 Datasheet HTML 2Page - Texas Instruments LM2672 Datasheet HTML 3Page - Texas Instruments LM2672 Datasheet HTML 4Page - Texas Instruments LM2672 Datasheet HTML 5Page - Texas Instruments LM2672 Datasheet HTML 6Page - Texas Instruments LM2672 Datasheet HTML 7Page - Texas Instruments LM2672 Datasheet HTML 8Page - Texas Instruments LM2672 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM2672
www.ti.com
SNVS136K – SEPTEMBER 1998 – REVISED APRIL 2013
LM2672 SIMPLE SWITCHER® Power Converter High Efficiency 1A Step-Down Voltage
Regulator with Features
Check for Samples: LM2672
1
FEATURES
DESCRIPTION
The LM2672 series of regulators are monolithic
234
Efficiency up to 96%
integrated circuits built with a LMDMOS process.
Available in SOIC-8 and 8-pin PDIP Packages
These regulators provide all the active functions for a
Computer Design Software LM267X Made
step-down (buck) switching regulator, capable of
Simple Version 6.0
driving a 1A load current with excellent line and load
regulation. These devices are available in fixed output
Simple and Easy to Design with
voltages of 3.3V, 5.0V, 12V, and an adjustable output
Requires only 5 External Components
version.
Uses Readily Available Standard Inductors
Requiring
a
minimum
number
of
external
3.3V, 5.0V, 12V, and Adjustable Output
components, these regulators are simple to use and
Versions
include patented internal frequency compensation
(Patent
Nos.
5,382,918
and
5,514,947),
fixed
Adjustable Version Output Voltage Range:
frequency oscillator, external shutdown, soft-start,
1.21V to 37V
and frequency synchronization.
±1.5% Max Output Voltage Tolerance Over
Line and Load Conditions
The LM2672 series operates at a switching frequency
of
260
kHz,
thus
allowing
smaller
sized
filter
Specified 1A Output Load Current
components than what would be needed with lower
0.25
Ω DMOS Output Switch
frequency switching regulators. Because of its very
Wide Input Voltage Range: 8V to 40V
high efficiency (>90%), the copper traces on the
printed circuit board are the only heat sinking needed.
260 kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby
A family of standard inductors for use with the
LM2672
are
available
from
several
different
Mode
manufacturers. This feature greatly simplifies the
Soft-Start and Frequency Synchronization
design of switch-mode power supplies using these
Thermal Shutdown and Current Limit
advanced ICs. Also included in the datasheet are
Protection
selector guides for diodes and capacitors designed to
work in switch-mode power supplies.
TYPICAL APPLICATIONS
Other features include a ensured ±1.5% tolerance on
Simple High Efficiency (>90%) Step-Down
output voltage within specified input voltages and
(Buck) Regulator
output load conditions, and ±10% on the oscillator
frequency. External shutdown is included, featuring
Efficient Pre-Regulator for Linear Regulators
typically 50
μA stand-by current. The output switch
includes current limiting, as well as thermal shutdown
for full protection under fault conditions.
To simplify the LM2672 buck regulator design
procedure, there exists computer design software,
LM267X Made Simple version 6.0.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
Windows is a registered trademark of Microsoft Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2672

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results

Similar Description - LM2672

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com