Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064843-X Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # X-2064843-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064843-X Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button X-2064843-X Datasheet HTML 43Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 44Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 45Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 46Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 47Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 48Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 49Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 50Page - List of Unclassifed Manufacturers X-2064843-X Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
47
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
2
MTRJ Connectors
Note: All part numbers are RoHS
compliant.
MT-RJ Plugs
Product Facts
I
Designed to meet TIA/EIA
568-B.3
I
Each MT-RJ connector
houses two fibers
I
Half the size of duplex SC
and ST Connectors
I
Options available include:
I
Multimode or singlemode
I
Mini DUALAN or Mini
Zipcord cable
I
With or without guide
pins
I
MT-RJ SECURE Connector
Kits
Performance Characteristics
Insertion Loss — Typical (dB) 0.2 dB
Operating Temperature —
-10° C to 60° C
Durability — 500 Cycles
Instruction Sheet
408-4540
http://www.te.com/documents
Standard MT-RJ Connectors
Fiber Type
Cable Type
Pins
Part Number
3.0 mm DUALAN
Without Guide Pins
6278399-1
Singlemode
3.0 mm DUALAN
With Guide Pins
6278399-2
1.8 mm Mini Zipcord
Without Guide Pins
6278751-1
1.8 mm Mini Zipcord
With Guide Pins
6278751-2
3.0 mm DUALAN
Without Guide Pins
6278398-1
Multimode
3.0 mm DUALAN
With Guide Pins
6278398-2
1.8 mm Mini Zipcord
Without Guide Pins
6278750-1
1.8 mm Mini Zipcord
With Guide Pins
6278750-2
MT-RJ to MT-RJ Adapter
MT-RJ to MT-RJ Simplex Adapter
MT-RJ to MT-RJ Duplex Adapter
MT-RJ SECURE Connectors
Fiber Type
Cable Type
Pins
Color
Part Number
Red
1918356-1
Yellow
1918356-2
Green
1918356-3
Blue
1918356-4
Multimode
1.8 mm Mini Zipcord
Without Guide Pins
Rose
1918356-5
Aqua
1918356-6
Brown
1918356-7
Violet
1918356-8
Orange
1918356-9
Slate
1-1918356-0
Simplex Part Number
1278017-1 (light almond)
Duplex Part Number
6374906-1 (Almond)
13.20 ± 0.30
[.520 ± 0.12]
9.70 ± 0.30
[.382 ± 0.12]
+ 0.04
– 0.00
+ .016
– .000
18.00
[.709
]
Recommended Panel Cutout
Max. Panel Thk. 1.7 [.067]
30.70
[1.209]
26.40
[1.039]
9.90
[.390]
Recommended
Panel Cutout


Similar Part No. - X-2064843-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064843-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com