Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2665 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2665
Description  LM2665 Switched Capacitor Voltage Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2665 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2665 Datasheet HTML 2Page - Texas Instruments LM2665 Datasheet HTML 3Page - Texas Instruments LM2665 Datasheet HTML 4Page - Texas Instruments LM2665 Datasheet HTML 5Page - Texas Instruments LM2665 Datasheet HTML 6Page - Texas Instruments LM2665 Datasheet HTML 7Page - Texas Instruments LM2665 Datasheet HTML 8Page - Texas Instruments LM2665 Datasheet HTML 9Page - Texas Instruments LM2665 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1
2
3
6
5
4
LM2665
SNVS009F – NOVEMBER 1999 – REVISED MAY 2013
www.ti.com
CONNECTION DIAGRAM
6-Pin Small Outline Package
Figure 11. DBV Package Top View
Figure 12. Actual Size
Pin Functions
Function
Pin
Name
Voltage Doubler
Voltage Split
1
V+
Power supply positive voltage input.
Positive voltage output.
2
GND
Power supply ground input
Same as doubler
3
CAP
Connect this pin to the negative terminal of the charge-
Same as doubler.
pump capacitor
4
SD
Shutdown control pin, tie this pin to ground in normal
Same as doubler.
operation.
5
OUT
Positive voltage output.
Power supply positive voltage input
6
CAP+
Connect this pin to the positive terminal of the charge-pump
Same as doubler
capacitor.
Circuit Description
The LM2665 contains four large CMOS switches which are switched in a sequence to double the input supply
voltage. Energy transfer and storage are provided by external capacitors. Figure 13 illustrates the voltage
conversion scheme. When S2 and S4 are closed, C1 charges to the supply voltage V+. During this time interval,
switches S1 and S3 are open. In the next time interval, S2 and S4 are open; at the same time, S1 and S3 are
closed, the sum of the input voltage V+ and the voltage across C1 gives the 2V+ output voltage when there is no
load. The output voltage drop when a load is added is determined by the parasitic resistance (Rds(on) of the
MOSFET switches and the ESR of the capacitors) and the charge transfer loss between capacitors. Details will
be discussed in the following application information section.
Figure 13. Voltage Doubling Principle
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2665


Similar Part No. - LM2665

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2665 NSC-LM2665 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
LM2665M6 NSC-LM2665M6 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6 TI1-LM2665M6 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2665M6/NOPB TI1-LM2665M6/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2665M6X NSC-LM2665M6X Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2665

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2665 TI-LM2665_15 Datasheet
983Kb / 20P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com