Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24314A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ24314A
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24314A Datasheet(HTML) 2 Page - Texas Instruments

  BQ24314A Datasheet HTML 1Page - Texas Instruments BQ24314A Datasheet HTML 2Page - Texas Instruments BQ24314A Datasheet HTML 3Page - Texas Instruments BQ24314A Datasheet HTML 4Page - Texas Instruments BQ24314A Datasheet HTML 5Page - Texas Instruments BQ24314A Datasheet HTML 6Page - Texas Instruments BQ24314A Datasheet HTML 7Page - Texas Instruments BQ24314A Datasheet HTML 8Page - Texas Instruments BQ24314A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
bq24314A
SLUS811 – MARCH 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
DEVICE(2)
OVP THRESHOLD
PACKAGE
MARKING
bq24314ADSG
5.85 V
2mm x 2mm SON
CGG
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
(2)
To order a 3000 pcs reel add R to the part number, or to order a 250 pcs reel add T to the part
number.
PART NO.
PACKAGE
RθJC
RθJA
bq24314ADSG
2
×2 SON
5
°C/W
75
°C/W
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PIN
VALUE
UNIT
IN (with respect to VSS)
–0.3 to 30
VI
Input voltage
OUT (with respect to VSS)
–0.3 to 12
V
ILIM, FAULT, CE, VBAT (with respect to VSS)
–0.3 to 7
II
Input current
IN
2
A
IO
Output current
OUT
2
A
Output sink current
FAULT
15
mA
All (Human Body Model per JESD22-A114-E)
2000
V
All (Machine Model per JESD22-A115-E)
200
V
ESD
Withstand Voltage
All (Charge Device Model per JESD22-C101-C)
500
V
IN(IEC 61000-4-2) (with IN bypassed to the VSS
15 (Air Discharge)
kV
with a 1-
µF low-ESR ceramic capacitor)
8 (Contact)
TJ
Junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage range
3
30
V
IIN
Input current, IN pin
1.5
A
IOUT
Output current, OUT pin
1.5
A
RILIM
OCP Programming resistor
15
90
k
TJ
Junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24314A


Similar Part No. - BQ24314A

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI1-BQ24314A Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSG TI-BQ24314ADSG Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGRG4 TI1-BQ24314ADSGRG4 Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24314A

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz