Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064846-X Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # X-2064846-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064846-X Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button X-2064846-X Datasheet HTML 50Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 51Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 52Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 53Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 54Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 55Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 56Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 57Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
54
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
Note: All part numbers are RoHS compliant.
Tooling (Continued)
MTP/MPO IBC Cleaner
Part Number 1918809-1
Product Facts
I
Cleans male or female
MTP/MPO connectors
I
Pre-washed cleaning cloth
is lint and debris free
I
Each cleaner is capable of
more than 400 cleanings
I
Can be used for bulkhead
and unmated MTP/MPO
cleaning
I
Protective dust cover
doubles as an adapter cap
for cleaning unmated
connectors
I
FOCIS 5-Type MTP/MPO
interface compliant
I
Removes dust and oil
contamination
I
Ideal solution for cleaning
parallel optics transceivers
MTP is a trademark of US Conec Ltd.
The MTP/MPO IBC
(In Bulkhead Cleaner) dry
cloth cleaner offered by
TE utilizes a densely woven
micro-fiber cloth that cleans
male (with pins) or female
MTP/MPO connectors while
in adapters, bulkheads,
faceplates, or in unmated
form with the unique
adapter/dust cover. The
unique cleaning cloth also
reduces static charge
making it one of the most
advanced cleaning systems
available for bulkhead opti-
cal connector cleaning.
Applications
For effective cleaning of:
I
Male and female
MTP/MPO connectors
inside mating adapters
I
Unmated male and female
MTP/MPO connectors
using included adapter
I
Parallel optics
transceivers
I
Networking gear includ-
ing switches and routers
I
Factory or field connectors
Product Dimensions
Length — 184.2 mm [7.25 in.]
Width — 56.5 mm [2.22 in.]
Thickness — 22 mm [0.866 in.]
Adapter Length — 19.5 mm [0.759 in.]
OPTIPOP R Reel Cleaner
Product Facts
I
Static attraction is
minimized
I
Ultra clean micro-fiber cloth
captures debris and other
contamination
I
Robust cloth does not fray
or leave fibrous material
behind
I
Reduces the number of field
and test issues caused by
contaminated end faces
I
High-end cost effective
cleaning solution
The OPTIPOP R dry cloth
cassette cleaners offered
by TE utilize a densely
woven micro-fiber cloth that
cleans fiber optic connector
tips while reducing static
charge. This makes them
one of the most advanced
cleaning systems available
for optical connector
cleaning.
Applications
A variety of reel cleaner
configurations allow for use
on the major optical con-
nector types including FC,
SC, ST, LC, MU, ODVA con-
forming, MT-RJ, and MPO.
Product Dimensions
Length — 127 mm [5.00 in.]
Width — 83 mm [3.26 in.]
Thickness — 48 mm [1.89 in.]
Weight — 150 g [0.33 lb.]
OPTIPOP is a trademark of
NTT Advanced Technology Corporation.
Description
Part Number
MPO w/pins reel cleaner
1918802-1
One slot reel cleaner; 1.25 mm, 2.5 mm, MT No Pins
1918803-1
MT-RJ connector w/pins reel cleaner
1918804-1
Two slot reel cleaner; 1.25 mm and 2.5 mm
1918805-1
Reel cleaner refill (six per pack)
1918806-1
Reel Cleaner Refill (Six per Pack)
Part Number 1918806-1


Similar Part No. - X-2064846-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064846-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com