Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2642 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2642
Description  LM2642 Two-Phase Synchronous Step-Down Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2642 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2642 Datasheet HTML 3Page - Texas Instruments LM2642 Datasheet HTML 4Page - Texas Instruments LM2642 Datasheet HTML 5Page - Texas Instruments LM2642 Datasheet HTML 6Page - Texas Instruments LM2642 Datasheet HTML 7Page - Texas Instruments LM2642 Datasheet HTML 8Page - Texas Instruments LM2642 Datasheet HTML 9Page - Texas Instruments LM2642 Datasheet HTML 10Page - Texas Instruments LM2642 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
C16
22uF
C7
0.1uF
C20
1nF
R1
13k
Q1
FDS6690A
Q2
FDS6690A
L1
8.2uH
D3A
BAW56
D4
MBRS140T3
C8
100uF
R27
4R7
C5
10uF
GND
C2 10nF
VLIN5
R32
4R7
VDD
C25
0.1uF
R13
13k
Q3
FDS6690A
Q4
FDS6690A
L2
6uH
C22
100uF
D3B
BAW56
D5
MBRS140T3
C17
10uF
C13
10nF
R33
4R7
VDD
VIN
VLIN5
R28
220k
FB1
4
ILIM1
2
SGND
8
COMP1
3
ON/SS1
9
COMP2
12
RSNS1
28
KS1
1
SW1
27
HDRV1
26
CBOOT1
25
VDD1
24
LDRV1
23
PGND
21
VIN
22
VLIN5
7
PGOOD1
5
VDD2
19
UV_DELAY
6
FB2
11
ILIM2
13
RSNS2
15
KS2
14
SW2
16
HDRV2
17
CBOOT2
18
LDRV2
20
IC1
LM2642
VDD
5V/3A
PGOOD1
R10
60k4
R11
20k
R19
33k2
R20
20k
3.3V/3A
C1
1uF
C34
0.1uF
ON/SS2
10
C12
10nF
C11
10nF
C6
22uF
C26
4.7uF
C27
1uF
C19
1nF
R24
20k
R23
20k
Vo1
Vo2
+
+
+
+
+
VIN 6V-30V
LM2642
www.ti.com
SNVS203I – MAY 2002 – REVISED APRIL 2013
Figure 2. Typical 2 Channel Application Circuit
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2642


Similar Part No. - LM2642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420 TI1-LM26420 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Similar Description - LM2642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com