Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2591HV Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2591HV
Description  LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2591HV Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2591HV Datasheet HTML 5Page - Texas Instruments LM2591HV Datasheet HTML 6Page - Texas Instruments LM2591HV Datasheet HTML 7Page - Texas Instruments LM2591HV Datasheet HTML 8Page - Texas Instruments LM2591HV Datasheet HTML 9Page - Texas Instruments LM2591HV Datasheet HTML 10Page - Texas Instruments LM2591HV Datasheet HTML 11Page - Texas Instruments LM2591HV Datasheet HTML 12Page - Texas Instruments LM2591HV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM2591HV
www.ti.com
SNVS074D – MAY 2001 – REVISED APRIL 2013
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 1A.
CIN: — 470 μF, 35V, Aluminum Electrolytic Nichicon “PM Series”
COUT: — 220 μF, 35V Aluminum Electrolytic, Nichicon “PM Series”
D1 — 2A, 60V Schottky Rectifier, 21DQ06 (International Rectifier)
See INDUCTOR SELECTION PROCEDURE L1 — 100
μH,
R1 — 1 kΩ, 1%
R2 — 7.15k, 1%
CFF — 3.3 nF
Typical Values
CSS—0.1 μF
CDELAY—0.1 μF
RPULL UP — 4.7k (use 22k if VOUT is ≥ 45V)
† Small signal Schottky diode to prevent damage to feedback pin by negative spike when output is shorted (CFF not
being able to discharge immediately will drag feedback pin below ground). Required if VIN > 40V
Figure 23. Adjustable Output Voltage Versions
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2591HV


Similar Part No. - LM2591HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
LM2591HVS-12 UMW-LM2591HVS-12 Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HVS-3.3 NSC-LM2591HVS-3.3 Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results

Similar Description - LM2591HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2592HVT-33 TI-LM2592HVT-33 Datasheet
2Mb / 29P
[Old version datasheet]   LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com