Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064851-X Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # X-2064851-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064851-X Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button X-2064851-X Datasheet HTML 55Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 56Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 57Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 58Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 59Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 60Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 61Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 62Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
59
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
3
LIGHTRAY OFX Optical Fiber Circuit Assemblies
TE’s LIGHTRAY OFX optical
fiber circuit offers an
innovative and flexible
solution to precision fiber
management in high fiber
count applications.
Designed using the latest
fiber optic technology,
the LIGHTRAY OFX optical
circuit consists of a number
of optical fibers, which
are encapsulated in thin
protective film substrates.
As well as saving valuable
space in equipment and
equipment racks, the
LIGHTRAY OFX circuit also
provides optimum optical
performance.
Optical fiber “crossovers”
allow the optical fibers to be
routed in both regular and
irregular designs. Fibers are
routed on 250 µm center
lines allowing LIGHTRAY MPX
connectors to be terminated
on the fiber tails.
Optical Performance
(singlemode)
Maximum Insertion Loss*
(connector loss) — <0.1 dB max;
<0.05 dB typical
Polarization Depending Loss —
<0.1 dB
Mechanical Characteristics
Vibration (per IEC 61300-2-1) —
10-55Hz
Fiber Retention
(per IEC 61300-2-4) — 44 N max.
Environmental Characteristics
Operating Temperature —
-40°C to + 85°C
Storage Temperature —
-40°C to + 85°C
Humidity — 95%
* final loss depending on connector types
Product Facts
I
Singlemode and multimode
product range
I
Available in a range of
symmetrical and
asymmetrical designs
I
Can be designed with a
choice of protective film
substrates (including V0
rated materials)
I
Pre-terminated with
LIGHTRAY MPX Connector
or any other industry
standard connector
I
Operates over a broad
temperature range
I
Fiber optic equivalent of
a copper circuit
I
Allows fiber “crossovers”
without performance
penalty
I
Very low insertion loss
I
Flat or cylindrical design
Benefits
I
Easy routing and
management of
thousands of fibers
on a single substrate
I
Fully optical cross connect
I
Lightweight
I
Saves valuable space
I
Significantly contributes to
skew compensation
I
Easy to install
I
Offers flexibility in
systems design
Key Applications
High Fiber Count
Applications in Optical
Transmission and Switching
Equipment, in Equipment
Racks or on the Printed
Circuit Board.
I
Provides a complete optical
backplane, interconnecting
multiple daughtercards
I
Complex rack harnesses
I
Simplified intra-rack fiber
management and cabling
I
Serves as a complete optical
cross connect (64 x 64 or
128 x 128) in less than 500
x 500 mm of valuable space
I
Can be used for the
interconnection of
optoelectronic devices on
the printed circuit board


Similar Part No. - X-2064851-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064851-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com