Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2672N-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2672N-ADJ
Description  LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2672N-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LM2672N-ADJ Datasheet HTML 1Page - Texas Instruments LM2672N-ADJ Datasheet HTML 2Page - Texas Instruments LM2672N-ADJ Datasheet HTML 3Page - Texas Instruments LM2672N-ADJ Datasheet HTML 4Page - Texas Instruments LM2672N-ADJ Datasheet HTML 5Page - Texas Instruments LM2672N-ADJ Datasheet HTML 6Page - Texas Instruments LM2672N-ADJ Datasheet HTML 7Page - Texas Instruments LM2672N-ADJ Datasheet HTML 8Page - Texas Instruments LM2672N-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM2672
SNVS136K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
LM2672-12 Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 22(3)
VOUT
Output Voltage
VIN = 15V to 40V, ILOAD = 20 mA to 1A
12
11.82/11.64
12.18/12.36
V
η
Efficiency
VIN = 24V, ILOAD = 1A
94
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2672 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
LM2672-ADJ Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 23(3)
VFB
Feedback Voltage
VIN = 8V to 40V, ILOAD = 20 mA to 1A
1.210
1.192/1.174
1.228/1.246
V
VOUT Programmed for 5V
(see Circuit of Figure 23)
VFB
Feedback Voltage
VIN = 6.5V to 40V, ILOAD = 20 mA to 500 mA
1.210
1.192/1.174
1.228/1.246
V
VOUT Programmed for 5V
(see Circuit of Figure 23)
η
Efficiency
VIN = 12V, ILOAD = 1A
90
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2672 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
All Output Voltage Versions
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable versions and VIN = 24V for the 12V version,
and ILOAD = 100 mA.
Symbol
Parameters
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
IQ
Quiescent Current
VFEEDBACK = 8V
2.5
3.6
mA
For 3.3V, 5.0V, and ADJ Versions
VFEEDBACK = 15V
2.5
mA
For 12V Versions
ISTBY
Standby Quiescent Current
ON/OFF Pin = 0V
50
100/150
μA
ICL
Current Limit
1.55
1.25/1.2
2.1/2.2
A
IL
Output Leakage Current
VIN = 40V, ON/OFF Pin = 0V
1
25
μA
VSWITCH = 0V
VSWITCH = −1V, ON/OFF Pin = 0V
6
15
mA
RDS(ON)
Switch On-Resistance
ISWITCH = 1A
0.25
0.30/0.50
Ω
fO
Oscillator Frequency
Measured at Switch Pin
260
225
275
kHz
D
Maximum Duty Cycle
95
%
Minimum Duty Cycle
0
%
IBIAS
Feedback Bias
VFEEDBACK = 1.3V
85
nA
Current
ADJ Version Only
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2672


Similar Part No. - LM2672N-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672N-ADJ TI1-LM2672N-ADJ Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

Similar Description - LM2672N-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com