Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064868-X Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # X-2064868-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064868-X Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button X-2064868-X Datasheet HTML 48Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 49Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 50Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 51Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 52Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 53Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 54Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 55Page - List of Unclassifed Manufacturers X-2064868-X Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
52
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
Note: All part numbers are RoHS compliant.
Tooling (Continued)
TRA-CON Epoxies
Part Number 1918652-1
HYSOL Epoxy-Tubes
Part Number 502418-1
Product Facts
I
For use with SC, LC, ST,
FSD, FC, and FSMA
Connectors
I
Two-part epoxy in two tubes
I
Heat-cured epoxy
I
Terminates » 400
connectors
I
One set of two (2) tubes per
part number
I
Pot life = 30 minutes
I
Cures in 30 minutes at
100° C
Product Facts
I
For use with SC and LC
Connectors
I
Pre-measured two-part
packets for consistent
results
I
Long pot life once mixed
I
Heat-cured epoxy
I
Supplied in 4-gram packets
I
Cures in 15 minutes at
115° C
EPO-TEK 353ND Epoxy
Part Number 504035-1
Description
Part Number
LC Polishing Puck — Metal
1754074-1
LC Cable Preparation Template
1588756-1
LC Hand Tool and Die Set
1588176-1
LC 1.25 mm Ferrule Microscope Adapter
1278997-1
LC Oven Block Assembly
1457628-1
LC Adaptive Kit — Anaerobic Epoxy Style
1754603-1
LC Adaptive Kit — Heat Cure
1754462-1
Epoxy/Polish LC
Termination Accessories
Product Facts
I
Supplement epoxy/polish
tool kits on page 51 with
these components to
terminate LC Epoxy/Polish
Connectors
I
Different polishing films are
required for LC polishing
Product Facts
I
For use with SC, LC, and
ST Connectors
I
Pre-measured two-part
packets for consistent
results
I
Can be heat-cured or cured
at ambient temperature
I
Supplied in 2-gram packets
I
Each packet terminates »
250 connectors
I
25 packets per pack
I
Pot life = 30 minutes
I
Cures in:
I
24 hours @ 25° C
I
2 hours @ 65° C
I
10 minutes @ 110° C
Epoxy Applicator Syringe
Part Number 501473-3
Product Facts
I
3 cc capacity
EPO-TEK is a trademark of EPOXY
TECHNOLOGY INC.
HYSOL is a trademark of HENKEL
CORPORATION.
TRA-CON is a trademark of Tra-Con, Inc.


Similar Part No. - X-2064868-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064868-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com