Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7613EB-1K Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7613EB-1K
Description  12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7613EB-1K Datasheet(HTML) 4 Page - Texas Instruments

  DAC7613EB-1K Datasheet HTML 1Page - Texas Instruments DAC7613EB-1K Datasheet HTML 2Page - Texas Instruments DAC7613EB-1K Datasheet HTML 3Page - Texas Instruments DAC7613EB-1K Datasheet HTML 4Page - Texas Instruments DAC7613EB-1K Datasheet HTML 5Page - Texas Instruments DAC7613EB-1K Datasheet HTML 6Page - Texas Instruments DAC7613EB-1K Datasheet HTML 7Page - Texas Instruments DAC7613EB-1K Datasheet HTML 8Page - Texas Instruments DAC7613EB-1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
®
DAC7613
Top View
SSOP
PIN DESCRIPTIONS
PIN CONFIGURATION
PIN
LABEL
DESCRIPTION
1
DB11
Data Bit 11, MSB
2
DB10
Data Bit 10
3
DB9
Data Bit 9
4
DB8
Data Bit 8
5
DB7
Data Bit 7
6
DB6
Data Bit 6
7
DB5
Data Bit 5
8
DB4
Data Bit 4
9
DB3
Data Bit 3
10
DB2
Data Bit 2
11
DB1
Data Bit 1
12
DB0
Data Bit 0, LSB
13
VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for the DAC.
14
NIC
Not Internally Connected
15
VREFH
Reference Input Voltage High. Sets maximum
output voltage for the DAC.
16
VSS
Negative Analog Supply Voltage, 0V or –5V
nominal.
17
GND
Ground
18
VDD
Positive Power Supply
19
VOUT
DAC Voltage Output
20
LOADDAC
The selected DAC register becomes transparent
when LOADDAC is LOW. It is in the latched state
when LOADDAC is HIGH.
21
RESET
Asynchronous Reset Input. Sets the DAC register
to either zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
22
RESETSEL
When LOW, a LOW on RESET will cause the DAC
register to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
23
CS
Chip Select. Active LOW.
24
R/W
Enabled by CS. Controls data read and write from
the input register.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
R/W
CS
RESETSEL
RESET
LOADDAC
V
OUT
V
DD
GND
V
SS
V
REFH
NIC
V
REFL
DAC7613E


Similar Part No. - DAC7613EB-1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7613EB BURR-BROWN-DAC7613EB Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613EB TI1-DAC7613EB Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613EB/1K TI1-DAC7613EB/1K Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613EBG4 TI1-DAC7613EBG4 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7613EB-1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com