Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS101DGK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS101DGK
Description  DIFFERENTIAL TRANSLATOR/REPEATER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS101DGK Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS101DGK Datasheet HTML 1Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 2Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 3Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 4Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 5Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 6Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 7Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 8Page - Texas Instruments SN65LVDS101DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN65LVDS100, SN65LVDT100
SN65LVDS101, SN65LVDT101
SLLS516C – AUGUST 2002 – REVISED JUNE 2004
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
SN65LVDS100 and SN65LVDT100 OUTPUT CHARACTERISTICS (see Figure 1)
|VOD|
Differential output voltage magnitude
247
340
454
See Figure 2
mV
Change in differential output voltage magni-
∆|V
OD|
–50
50
tude between logic states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
Change in steady-state common-mode output
∆V
OC(SS)
See Figure 3
–50
50
mV
voltage between logic states
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
IOS
Short-circuit output current
VO(Y) or VO(Z) = 0 V
–24
24
mA
IOS(D)
Differential short-circuit output current
VOD = 0 V
–12
12
mA
SN65LVDS101 and SN65LVDT101 OUTPUT CHARACTERISTICS (see Figure 1)
50
Ω to V
CC– 2 V, See Figure 4
VCC–1.25 VCC–1.02
VCC–0.9
V
VOH
High-level output voltage
VCC = 3.3 V, 50-Ω load to 2.3 V
2055
2280
2405
mV
50
Ω to V
CC - 2 V, See Figure 4
VCC–1.83 VCC–1.61 VCC–1.53
V
VOL
Low-level output voltage
VCC = 3.3 V, 50-Ω load to 2.3 V
1475
1690
1775
mV
|VOD|
Differential output voltage magnitude
50-
Ω load to V
CC– 2 V, SeeFigure 4
475
575
750
mV
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
'LVDx100
300
470
800
Propagation delay time,
tPLH
ps
low-to-high-level output
'LVDx101
400
630
900
'LVDx100
300
470
800
Propagation delay time,
tPHL
ps
high-to-low-level output
'LVDx100
See Figure 5
400
630
900
tr
Differential output signal rise time (20%–80%)
220
ps
tf
Differential output signal fall time (20%–80%)
220
ps
tsk(p)
Pulse skew (|tPHL– tPLH|)
(2)
5
50
ps
tsk(pp) Part-to-part skew
(3)
VID = 0.2 V, See Figure 5
100
ps
tjit(per) RMS period jitter
(4)
1
3.7
ps
1 GHz 50% duty cycle square wave input,
VID = 200 mV, VIC = 1.2 V, See Figure 6
tjit(cc) Peak cycle-to-cycle jitter
(5)
6
23
ps
2 GHz PRBS, 223–1 run length, VID = 200 mV,
tjit(pp) Peak-to-peak jitter
28
65
ps
VIC = 1.2 V, See Figure 6
2 GHz PRBS, 27–1 run length, VID = 200 mV,
tjit(det) Peak-to-peak deterministic jitter
(6)
17
48
ps
VIC = 1.2 V, See Figure 6
(1)
All typical values are at 25
°C and with a 3.3 V supply.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
(3)
tsk(pp) is the magnitude of the time difference in propagation delay time between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(4)
Period jitter is the deviation in cycle time of a signal with respect to the ideal period over a random sample of 1000,000 cycles.
(5)
Cycle-to-cycle jitter is the variation in cycle time of a signal between adjacent cycles, over a random sample of 1,000 adjacent cycle
pairs.
(6)
Deterministic jitter is the sum of pattern-dependent jitter and pulse-width distortion.
4


Similar Part No. - SN65LVDS101DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS101DGK TI-SN65LVDS101DGK Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101DGKG4 TI-SN65LVDS101DGKG4 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101DGKR TI-SN65LVDS101DGKR Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101DGKRG4 TI-SN65LVDS101DGKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
More results

Similar Description - SN65LVDS101DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100 TI-SN65LVDS100 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDT100D TI-SN65LVDT100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS20 TI1-SN65LVDS20_15 Datasheet
609Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com