Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA131UG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA131UG4
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA131UG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA131UG4 Datasheet HTML 1Page - Texas Instruments OPA131UG4 Datasheet HTML 2Page - Texas Instruments OPA131UG4 Datasheet HTML 3Page - Texas Instruments OPA131UG4 Datasheet HTML 4Page - Texas Instruments OPA131UG4 Datasheet HTML 5Page - Texas Instruments OPA131UG4 Datasheet HTML 6Page - Texas Instruments OPA131UG4 Datasheet HTML 7Page - Texas Instruments OPA131UG4 Datasheet HTML 8Page - Texas Instruments OPA131UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEATURES
q FET INPUT: I
B = 50pA max
q LOW OFFSET VOLTAGE: 750
µV max
q WIDE SUPPLY RANGE:
±4.5V to ±18V
q SLEW RATE: 10V/
µs
q WIDE BANDWIDTH: 4MHz
q EXCELLENT CAPACITIVE LOAD DRIVE
q SINGLE, DUAL, QUAD VERSIONS
General-Purpose
FET-INPUT OPERATIONAL AMPLIFIERS
DESCRIPTION
The OPA131 series of FET-input op amps provides high
performance at low cost. Single, dual, and quad versions in
industry-standard pinouts allow cost-effective design op-
tions.
The OPA131 series offers excellent general-purpose perfor-
mance, including low offset voltage, drift, and good dynamic
characteristics.
Single, dual, and quad versions are available in DIP and SO
packages. Performance grades include commercial and in-
dustrial temperature ranges.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4131
DIP-14, SO-14
AD
BC
1
2
3
4
8
7
6
5
NC
V+
Output
Offset Trim
Offset Trim
–In
+In
V–
OPA131
DIP-8, SO-8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
–In D
+In D
V–
+In C
–In C
Out C
NC
Out A
–In A
+In A
V+
+In B
–In B
Out B
NC
OPA4131
SOL-16
AD
BC
OPA131
OPA2
131
OPA1
31
OPA2
131
OPA41
31
OPA
413
1
OPA4
131
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2131
DIP-8, SO-8
A
B
OPA131
OPA2131
OPA4131
SBOS040A – NOVEMBER 1994 – REVISED DECEMBER 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1994, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NC = No Connection


Similar Part No. - OPA131UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131UG4 TI1-OPA131UG4 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA131UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131 TI-OPA131 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA131 BURR-BROWN-OPA131 Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com