Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903VQDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903VQDRG4
Description  DUAL DIFFERENTIAL COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2903VQDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  LM2903VQDRG4 Datasheet HTML 1Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 2Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 3Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 4Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 5Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 6Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 7Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 8Page - Texas Instruments LM2903VQDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM193, LM293, LM293A
LM393, LM393A, LM2903, LM2903V
DUAL DIFFERENTIAL COMPARATORS
SLCS005W − JUNE 1976 − REVISED JULY 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
LM293A
LM393A
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
VCC = 5 V to 30 V, VO = 1.4 V,
25
°C
1
2
mV
VIO
Input offset voltage
VCC = 5 V to 30 V, VO = 1.4 V,
VIC = VIC(min)
Full range
4
mV
I
Input offset current
V
14V
25
°C
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
150
nA
I
Input bias current
V
14V
25
°C
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−400
nA
V
Common-mode input voltage
25
°C
0 to
VCC − 1.5
V
VICR
Common mode input voltage
range§
Full range
0 to
VCC − 2
V
AVD
Large-signal differential-voltage
amplification
VCC = 15 V, VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
50
200
V/mV
I
High level output current
VOH = 5 V,
VID = 1 V
25
°C
0.1
50
nA
IOH
High-level output current
VOH = 30 V,
VID = 1 V
Full range
1
µA
V
Low level output voltage
I
4mA
V
1V
25
°C
150
400
mV
VOL
Low-level output voltage
IOL = 4 mA,
VID = −1 V
Full range
700
mV
IOL
Low-level output current
VOL = 1.5 V,
VID = −1 V
25
°C
6
mA
I
Supply current
R =
VCC = 5 V
25
°C
0.8
1
mA
ICC
Supply current
RL = ∞
VCC = 30 V
Full range
2.5
mA
Full range (MIN or MAX) for LM293A is 25
°C to 85°C, and for LM393A is 0°C to 70°C. All characteristics are measured with zero common-mode
input voltage, unless otherwise specified.
§ The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage
range is VCC+ − 1.5 V, but either or both inputs can go to 30 V without damage.


Similar Part No. - LM2903VQDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903VQDRG4 TI-LM2903VQDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQDRG4 TI1-LM2903VQDRG4 Datasheet
885Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM2903VQDRG4 TI1-LM2903VQDRG4 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM2903VQDRG4 TI1-LM2903VQDRG4 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903VQDRG4 TI1-LM2903VQDRG4 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Similar Description - LM2903VQDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com