Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4241PA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4241PA
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4241PA Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4241PA Datasheet HTML 5Page - Texas Instruments OPA4241PA Datasheet HTML 6Page - Texas Instruments OPA4241PA Datasheet HTML 7Page - Texas Instruments OPA4241PA Datasheet HTML 8Page - Texas Instruments OPA4241PA Datasheet HTML 9Page - Texas Instruments OPA4241PA Datasheet HTML 10Page - Texas Instruments OPA4241PA Datasheet HTML 11Page - Texas Instruments OPA4241PA Datasheet HTML 12Page - Texas Instruments OPA4241PA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
®
OPA241, 2241, 4241
OPA251, 2251, 4251
APPLICATIONS INFORMATION
The OPA241 and OPA251 series are unity-gain stable and
suitable for a wide range of general purpose applications.
Power supply pins should be bypassed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
The OPA241 series is laser-trimmed for low offset voltage
and drift at low supply voltage (VS = +5V). The OPA251
series is trimmed for
±15V operation. Both products operate
over the full voltage range (+2.7V to +36V or
±1.35V to
±18V) with some compromises in offset voltage and drift
performance. However, all other parameters have similar
performance. Key parameters are guaranteed over the speci-
fied temperature range, –40
°C to +85°C. Most behavior
remains unchanged throughout the full operating voltage
range. Parameters which vary significantly with operating
voltage or temperature are shown in typical performance
curves.
OFFSET VOLTAGE TRIM
As mentioned previously, offset voltage of the OPA241
series is laser-trimmed at +5V. The OPA251 series is trimmed
at
±15V. Because the initial offset is so low, user adjustment
is usually not required. However, the OPA241 and OPA251
(single op amp versions) provide offset voltage trim connec-
tions on pins 1 and 5. Offset voltage can be adjusted by
connecting a potentiometer as shown in Figure 1. This
adjustment should be used only to null the offset of the op
amp, not to adjust system offset or offset produced by the
signal source. Nulling offset could degrade the offset drift
behavior of the op amp. While it is not possible to predict the
exact change in drift, the effect is usually small.
Figures 2 and 3 show the regions where the OPA241 series
and OPA251 series have the potential for instability. As
shown, the unity gain configuration with low supplies is the
most susceptible to the effects of capacitive load. With VS =
+5V, G = +1, and IOUT = 0, operation remains stable with
load capacitance up to approximately 200pF. Increasing
supply voltage, output current, and/or gain significantly
improves capacitive load drive. For example, increasing the
supplies to
±15V and gain to 10 allows approximately
2700pF to be driven.
One method of improving capacitive load drive in the unity
gain configuration is to insert a resistor inside the feedback
loop as shown in Figure 4. This reduces ringing with large
capacitive loads while maintaining dc accuracy. For ex-
ample, with VS = ±1.35V and RS = 5kΩ, the OPA241 series
and OPA251 series perform well with capacitive loads in
excess of 1000pF. Without the series resistor, capacitive
load drive is typically 200pF for these conditions. However,
this method will result in a slight reduction of output voltage
swing.
CAPACITIVE LOAD AND STABILITY
The OPA241 series and OPA251 series can drive a wide
range of capacitive loads. However, all op amps under
certain conditions may be unstable. Op amp configuration,
gain, and load value are just a few of the factors to consider
when determining stability.
V+
V–
100k
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range:
±2mV
(V–) = 0V for single-supply operation.
OPA241
6
7
5
4
3
2
1
0.01
µF
0.01
µF
OPA241 and OPA251 (single op amps) only.
FIGURE 1. OPA241 and OPA251 Offset Voltage Trim
Circuit.
100k
10k
1k
100
Output Current (mA)
–1
–0.1
–0.01
0
0.01
0.1
1
Operation above
selected gain curve
not recommended
G = 10
G = –1
G = +1
Sinking
Sourcing
V
S = +2.7V
V
S = +5V
FIGURE 2. Stability—Capacitive Load versus Output Cur-
rent for Low Supply Voltage.
FIGURE 3. Stability—Capacitive Load versus Output Cur-
rent for
±15V Supplies.
100k
10k
1k
100
Output Current (mA)
–1
–0.1
–0.01
0
0.01
0.1
1
Operation above
selected gain curve
not recommended
G = 10
G = –1
G = +1
V
S = ±15V
Sinking
Sourcing


Similar Part No. - OPA4241PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4241PA BURR-BROWN-OPA4241PA Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA4241PA BURR-BROWN-OPA4241PA Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4241PA NSC-OPA4241PA Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4241PA TI1-OPA4241PA Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4241PAG4 NSC-OPA4241PAG4 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4241PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com