Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2407 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC2407
Description  1.6GHz ON/OFF Function LNA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2407 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC2407_12 Datasheet HTML 7Page - Torex Semiconductor XC2407_12 Datasheet HTML 8Page - Torex Semiconductor XC2407_12 Datasheet HTML 9Page - Torex Semiconductor XC2407_12 Datasheet HTML 10Page - Torex Semiconductor XC2407_12 Datasheet HTML 11Page - Torex Semiconductor XC2407_12 Datasheet HTML 12Page - Torex Semiconductor XC2407_12 Datasheet HTML 13Page - Torex Semiconductor XC2407_12 Datasheet HTML 14Page - Torex Semiconductor XC2407_12 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
XC2407A816UR-G
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) アイソレーション - 電源端子電圧特性例
(8) 雑音指数 - 電源端子電圧特性例
(9) 入力IP3 - 電源端子電圧特性例
(10) 入力IP2 - 電源端子電圧特性例
(11) 1dB利得圧縮時入力電力 - 電源端子電圧特性例
(12) 挿入電力利得 - 周囲温度特性例
XC2407A816
-22.2
-22.1
-22
-21.9
-21.8
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE、Ta=25℃, f=1.575GHz
XC2407A816
0.4
0.6
0.8
1
1.2
1.4
1.6
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE、Ta=25℃, f=1.575GHz
XC2407A816
9
10
11
12
13
14
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
VDD=VCE, Ta=25℃,
f=0.8GHz, 2.375GHz
XC2407A816
-20
-19
-18
-17
-16
-15
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE、Ta=25℃, f=1.575GHz
XC2407A816
13
14
15
16
17
18
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
V
DD=VCE=2.85V,f=1.575GHz
XC2407A816
-7
-6.5
-6
-5.5
-5
-4.5
-4
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
VDD=VCE, Ta=25℃,
f=1.575GHz, 1.576GHz
(7) Isolation vs. Power Supply Voltage
(8) Noise Figure vs. Power Supply Voltage
(9) Input Power IP3 vs. Power Supply Voltage
(10) Input Power IP2 vs. Power Supply Voltage
(11) Input Power @ 1dB Gain Compression vs. Power Supply Voltage
(12) Power Gain vs. Ambient Temperature


Similar Part No. - XC2407_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
More results

Similar Description - XC2407_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2407 TOREX-XC2407 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_15 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_15 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408-12 TOREX-XC2408-12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com