Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS116DGG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS116DGG
Description  16-PORT LVDS REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS116DGG Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS116DGG Datasheet HTML 4Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 9Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 10Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 11Page - Texas Instruments SN65LVDS116DGG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
CL = 10 pF
(2 Places)
Y
Z
Inputs
49.9
Ω ± 1% (2 Places)
1.2 V
tPZH
tPHZ
tPZL
tPLZ
2 V
1.4 V
0.8 V
100%,
≅ 1.4 V
1.3 V
0%, 1.2 V
0%,
≅ 1 V
100%, 1.2 V
1.1 V
Input
VOY
or
VOZ
VOZ
or
VOY
VOY
VOZ
1 V or 1.4 V
1.4 V or 1 V
EN
EN
S0
S1
SM
+
SN65LVDS116
SLLS370D – SEPTEMBER 1999 – REVISED FEBRUARY 2005
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
±10 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 5. Enable and Disable Time Circuit and Definitions
8


Similar Part No. - SN65LVDS116DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS116DGG TI-SN65LVDS116DGG Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
More results

Similar Description - SN65LVDS116DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150 Datasheet
204Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com