Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS100 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS100
Description  DIFFERENTIAL TRANSLATOR/REPEATER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS100 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS100 Datasheet HTML 1Page - Texas Instruments SN65LVDS100 Datasheet HTML 2Page - Texas Instruments SN65LVDS100 Datasheet HTML 3Page - Texas Instruments SN65LVDS100 Datasheet HTML 4Page - Texas Instruments SN65LVDS100 Datasheet HTML 5Page - Texas Instruments SN65LVDS100 Datasheet HTML 6Page - Texas Instruments SN65LVDS100 Datasheet HTML 7Page - Texas Instruments SN65LVDS100 Datasheet HTML 8Page - Texas Instruments SN65LVDS100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Y
Z
A
B
VID
VOD
VIB
VIA
VO(Z)
VO(Y)
IIB
IIA
VIA+VIB
VIC
2
VOC
IO
VBB
VBB
+
-
VOD
100
3.74 k
3.74 k
_
+
0 V
≤ V(test) ≤ 2.4 V
Y
Z
VOC
49.9
Ω ±1%
Y
1 pF
VOC(PP)
VOC(SS)
VOC
1.4 V
B
A
1.0 V
49.9
Ω ±1%
Z
A
VID
B
SN65LVDS100, SN65LVDT100
SN65LVDS101, SN65LVDT101
SLLS516C – AUGUST 2002 – REVISED JUNE 2004
Figure 1. Voltage and Current Definitions
Table 1. Receiver Input Voltage Threshold Test
RESULTING DIFFERENTIAL
RESULTING COMMON-
APPLIED VOLTAGES
OUTPUT(1)
INPUT VOLTAGE
MODE INPUT VOLTAGE
VIA
VIB
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
H
1.15 V
1.25 V
–100 mV
1.2 V
L
4.0 V
3.9 V
100 mV
3.95 V
H
3.9 V
4. 0 V
–100 mV
3.95 V
L
0.1 V
0.0 V
100 mV
0.05 V
H
0.0 V
0.1 V
–100 mV
0.05 V
L
1.7 V
0.7 V
1000 mV
1.2 V
H
0.7 V
1.7 V
–1000 mV
1.2 V
L
4.0 V
3.0 V
1000 mV
3.5 V
H
3.0 V
4.0 V
–1000 mV
3.5 V
L
1.0 V
0.0 V
1000 mV
0.5 V
H
0.0 V
1.0 V
–1000 mV
0.5 V
L
(1)
H = high level, L = low level
Figure 2. SN65LVDx100 Differential Output Voltage (VOD) Test Circuit
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 0.25 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns . C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T. The measurement of VOC(PP) is made on test equipment with a –3 dB bandwidth of at least 300 MHz.
Figure 3. Test Circuit and Definitions for the SN65LVDx100 Driver Common-Mode Output Voltage
5


Similar Part No. - SN65LVDS100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100 TI-SN65LVDS100 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100 TI-SN65LVDS100 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100D TI-SN65LVDS100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100D TI-SN65LVDS100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100DG4 TI-SN65LVDS100DG4 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
More results

Similar Description - SN65LVDS100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100DR TI-SN65LVDS100DR Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100 TI-SN65LVDS100 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS20 TI1-SN65LVDS20_15 Datasheet
609Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com