Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS100DG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS100DG4
Description  DIFFERENTIAL TRANSLATOR/REPEATER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS100DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS100DG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS100DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
Pattern
Generator
Oscilloscope
EVM
Power Supply 1
+
-
Power Supply 2
+
-
VCC
EVM
GND
DUT
GND
1.22V
3.3V
Matched
Cables
SMA to SMA
Matched
Cables
SMA to SMA
J2
J7
J6
J5
J4
J3
J1
100 W
50 W
50 W
DUT
(Note A)
(Note B)
Tektronix
TDS6604
Agilent
E4862B
PIN ASSIGNMENTS
VCC
Y
Z
GND
8
7
6
5
1
2
3
4
NC
A
B
VBB
D AND DGK PACKAGE
(TOP VIEW)
VCC
Y
Z
GND
8
7
6
5
1
2
3
4
NC
A
B
NC
D AND DGK PACKAGE
(TOP VIEW)
NC = Not Connected
SN65LVDS100 and SN65LVDS101
SN65LVDT100 and SN65LVDT101
SN65LVDS100, SN65LVDT100
SN65LVDS101, SN65LVDT101
SLLS516C – AUGUST 2002 – REVISED JUNE 2004
A.
Source jitter is subtracted from the measured values.
B.
TDS JIT3 jitter analysis software installed
Figure 7. Jitter Setup Connections for SN65LVDS100 and SN65LVDS101
FUNCTION TABLE
DIFFERENTIAL INPUT
OUTPUTS(1)
VID= VA– VB
Y
Z
VID ≥ 100 mV
H
L
–100 mV < VID < 100 mV
?
?
VID ≤ – 100 mV
L
H
Open
?
?
(1)
H = high level, L = low level, ? = indeterminate
7


Similar Part No. - SN65LVDS100DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100DG4 TI-SN65LVDS100DG4 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100DG4 TI-SN65LVDS100DG4 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
More results

Similar Description - SN65LVDS100DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100DR TI-SN65LVDS100DR Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100 TI-SN65LVDS100 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS20 TI1-SN65LVDS20_15 Datasheet
609Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com