Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTD3306PWRG3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTD3306PWRG3
Description  DUAL FET BUS SWITCH WITH LEVEL SHIFTING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD3306PWRG3 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBTD3306PWRG3 Datasheet HTML 1Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 2Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 3Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 4Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 5Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 6Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 7Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 8Page - Texas Instruments SN74CBTD3306PWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74CBTD3306
DUAL FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS030L − JANUARY 1996 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Designed to Be Used in Level-Shifting
Applications
description/ordering information
The SN74CBTD3306 features two independent
line switches. Each switch is disabled when the
associated output-enable (OE) input is high. A
diode to VCC is integrated on the chip to allow for
level shifting from 5-V signals at the device inputs
to 3.3-V signals at the device outputs.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
D
Tube
SN74CBTD3306D
CC306
40
°Cto85°C
SOIC − D
Tape and reel
SN74CBTD3306DR
CC306
−40
°C to 85°C
TSSOP
PW
Tube
SN74CBTD3306PW
CC306
TSSOP − PW
Tape and reel
SN74CBTD3306PWR
CC306
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
2A
2B
2OE
1A
1B
1OE
2
1
5
7
3
6
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
2OE
2B
2A
1OE
1A
1B
GND
Copyright
© 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74CBTD3306PWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3306PW TI-SN74CBTD3306PW Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
More results

Similar Description - SN74CBTD3306PWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125 TI-SN74CBTD1G125 Datasheet
65Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
   Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Texas Instruments
SN74CBTD1G125DBVR TI-SN74CBTD1G125DBVR Datasheet
606Kb / 14P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
Texas Instruments
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com