Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM73CIMK-0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM73CIMK-0
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73CIMK-0 Datasheet(HTML) 1 Page - Texas Instruments

  LM73CIMK-0 Datasheet HTML 1Page - Texas Instruments LM73CIMK-0 Datasheet HTML 2Page - Texas Instruments LM73CIMK-0 Datasheet HTML 3Page - Texas Instruments LM73CIMK-0 Datasheet HTML 4Page - Texas Instruments LM73CIMK-0 Datasheet HTML 5Page - Texas Instruments LM73CIMK-0 Datasheet HTML 6Page - Texas Instruments LM73CIMK-0 Datasheet HTML 7Page - Texas Instruments LM73CIMK-0 Datasheet HTML 8Page - Texas Instruments LM73CIMK-0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM73
SMBDAT
SMBCLK
ADDR
1
5
6
4
VDD = 2.7V to 5.5V
Typical bypass 0.1 PF
3
2
To hardware
shutdown
To / from processor
2-wire interface
Address (set as desired for one
of three addresses)
ALERT
LM73
www.ti.com
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
Check for Samples: LM73
1
FEATURES
KEY SPECIFICATIONS
2
Single Address Pin Offers Choice of Three
Supply Voltage: 2.7V to 5.5V
Selectable Addresses per Version for a Total
Supply Current:
of Six Possible Addresses.
Operating:
SMBus and I2C-Compatible Two-Wire Interface
320 µA (typ)
Supports 400 kHz Operation
495 µA (max)
Shutdown Mode with One-Shot Feature
Shutdown:
Available for Very Low Average Power
8 µA (max)
Consumption
1.9 µA (typ)
Programmable Digital Temperature Resolution
Temperature Accuracy:
from 11 Bits to 14 Bits.
-10°C to 80°C: ±1.0°C (max)
Fast Conversion Rate Ideal for Quick Power
Up and Measuring Rapidly Changing
-25°C to 115°C: ±1.5°C (max)
Temperature
-40°C to 150°C: ±2.0°C (max)
Open-Drain ALERT Output Pin Goes Active
Resolution: 0.25°C to 0.03125°C
When Temperature is Above a Programmed
Conversion Time:
Temperature Limit
11-bit (0.25°C): 14 ms (max)
Very Stable, Low-Noise Digital Output.
14-bit (0.03125°C): 112 ms (max)
UL Recognized Component
DESCRIPTION
APPLICATIONS
The LM73 is an integrated, digital-output temperature
Portable Electronics
sensor featuring an incremental Delta-Sigma ADC
with a two-wire interface that is compatible with the
Notebook Computers
SMBus and I2C interfaces. The host can query the
Automotive
LM73 at any time to read temperature.
System Thermal Management
Office Electronics
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM73CIMK-0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73CIMK-0 NSC-LM73CIMK-0 Datasheet
731Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73CIMK-0 NSC-LM73CIMK-0 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-0/NOPB TI-LM73CIMK-0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
More results

Similar Description - LM73CIMK-0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73 Datasheet
731Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73 TI-LM73_15 Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com