Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH8T245DBRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # 74LVCH8T245DBRG4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH8T245DBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74LVCH8T245DBRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 9Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 10Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 11Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 12Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 13Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 14Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVCH8T245DBR
SSOP
DB
24
2000
330.0
16.4
8.2
8.8
2.5
12.0
16.0
Q1
SN74LVCH8T245DGVR
TVSOP
DGV
24
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVCH8T245PWR
TSSOP
PW
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
SN74LVCH8T245RHLR
VQFN
RHL
24
1000
180.0
12.4
3.8
5.8
1.2
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Jul-2013
Pack Materials-Page 1


Similar Part No. - 74LVCH8T245DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI1-74LVCH8T245DBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Similar Description - 74LVCH8T245DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com