Electronic Components Datasheet Search |
|
SN65HVD10Q Datasheet(PDF) 1 Page - Texas Instruments |
|
SN65HVD10Q Datasheet(HTML) 1 Page - Texas Instruments |
1 / 28 page 1 2 3 4 6 7 A B R RE DE D 1 2 3 4 8 7 6 5 R RE DE D VCC B A GND DORPPACKAGE (TOPVIEW) SN65HVD10, SN65HVD10Q, SN75HVD10 SN65HVD11, SN65HVD11Q, SN75HVD11 SN65HVD12, SN75HVD12 www.ti.com SLLS505M – FEBRUARY 2002 – REVISED JULY 2013 3.3-V RS-485 TRANSCEIVERS Check for Samples: SN65HVD10, SN65HVD10Q, SN75HVD10, SN65HVD11, SN65HVD11Q, SN75HVD11, SN65HVD12, SN75HVD12 1 FEATURES DESCRIPTION The SN65HVD10, SN75HVD10, SN65HVD11, • Operates With a 3.3-V Supply SN75HVD11, SN65HVD12, and SN75HVD12 • Bus-Pin ESD Protection Exceeds 16 kV HBM combine a 3-state differential line driver and • 1/8 Unit-Load Option Available (Up to 256 differential input line receiver that operate with a Nodes on the Bus) single 3.3-V power supply. They are designed for balanced transmission lines and meet or exceed • Optional Driver Output Transition Times for ANSI standard TIA/EIA-485-A and ISO 8482:1993. Signaling Rates (1) of 1 Mbps, 10 Mbps, and These differential bus transceivers are monolithic 32 Mbps integrated circuits designed for bidirectional data • Meets or Exceeds the Requirements of ANSI communication on multipoint bus-transmission lines. TIA/EIA-485-A The drivers and receivers have active-high and active-low enables respectively, that can be externally • Bus-Pin Short Circuit Protection From –7 V to connected together to function as direction control. 12 V Very low device standby supply current can be • Low-Current Standby Mode . . . 1 µA Typical achieved by disabling the driver and the receiver. • Open-Circuit, Idle-Bus, and Shorted-Bus The driver differential outputs and receiver differential Failsafe Receiver inputs connect internally to form a differential input/ • Thermal Shutdown Protection output (I/O) bus port that is designed to offer minimum loading to the bus whenever the driver is • Glitch-Free Power-Up and Power-Down disabled or VCC = 0. These parts feature wide positive Protection for Hot-Plugging Applications and negative common-mode voltage ranges, making • SN75176 Footprint them suitable for party-line applications. APPLICATIONS • Digital Motor Control • Utility Meters • Chassis-to-Chassis Interconnects • Electronic Security Stations • Industrial Process Control • Building Automation • Point-of-Sale (POS) Terminals and Networks (1) The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second). 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2002–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN65HVD10Q |
|
Similar Description - SN65HVD10Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |