Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5704PAPG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5704PAPG4
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5704PAPG4 Datasheet HTML 3Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 4Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 5Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 6Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 7Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 8Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 9Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 10Page - Texas Instruments TAS5704PAPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TAS5704
www.ti.com
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
PIN FUNCTIONS (continued)
PIN
5-V
TERMINATION
TYPE
DESCRIPTION
TOLERANT
(2)
NAME
NO.
(1)
RESET
16
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic low
to this terminal. RESET is an asynchronous control signal that sets
the VALID outputs low, and places the PWM in the hard-mute state
(stops switching). Gain is immediately set to full attenuation. Upon the
release of RESET, if PDN is high, the system performs a 4- to 5-ms
device initialization and sets the gain, output configuration, and format
to the settings determined by the hardware pins.
SCLK
23
DI
5-V
Serial audio data clock (shift clock). SCLK is the serial audio port input
data bit clock.
SDIN1
25
DI
5-V
Serial audio data-1 input is one of the serial data input ports. SDIN1
supports three discrete (stereo) data formats.
SDIN2
24
DI
5-V
Serial audio data-2 input is one of the serial data input ports. SDIN2
supports three discrete (stereo) data formats.
SUB_PWM–
39
DO
Subwoofer negative PWM output
SUB_PWM+
40
DO
Subwoofer positive PWM output
VALID
38
DO
Output indicating validity of all PWM channels, active high. Connect
this pin to an external power stage or leave floating.
VCLAMP_AB
60
P
Internally generated voltage supply for channels A and B gate drive.
Not to be used as a supply or connected to any component other than
the decoupling capacitor
VCLAMP_CD
54
P
Internally generated voltage supply for channels C and D gate drive.
Not to be used as a supply or connected to any component other than
the decoupling capacitor
VR_ANA
14
P
Internally regulated 1.8-V analog supply voltage. This terminal must
not be used to power external devices.
VR_DIG
27
P
Internally regulated 1.8-V digital supply voltage. This terminal must not
be used to power external devices.
VREG_EN
18
DI
Pulldown
Voltage regulator enable. Connect directly to GND.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD, AVDD
–0.3 to 3.6
V
Supply voltage
PVCC_X
-0.3 to 30
V
3.3-V digital input
–0.5 to DVDD + 0.5
V
Input voltage
5-V tolerant(2) digital input
–0.5 to 6
V
Input clamp current, IIK (VI < 0 or VI > 1.8 V
±20
mA
Output clamp current, IOK (VO < 0 or VO > 1.8 V
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, and SDIN2.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5704


Similar Part No. - TAS5704PAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
More results

Similar Description - TAS5704PAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5708 TI-TAS5708 Datasheet
1Mb / 56P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
TAS5710 TI1-TAS5710_15 Datasheet
1Mb / 58P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
   20-W Stereo Digital Audio Power Amplifier
logo
Texas Instruments
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com