Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3062DGNR Datasheet(PDF) 9 Page - Texas Instruments

Part # THS3062DGNR
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3062DGNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3062DGNR Datasheet HTML 5Page - Texas Instruments THS3062DGNR Datasheet HTML 6Page - Texas Instruments THS3062DGNR Datasheet HTML 7Page - Texas Instruments THS3062DGNR Datasheet HTML 8Page - Texas Instruments THS3062DGNR Datasheet HTML 9Page - Texas Instruments THS3062DGNR Datasheet HTML 10Page - Texas Instruments THS3062DGNR Datasheet HTML 11Page - Texas Instruments THS3062DGNR Datasheet HTML 12Page - Texas Instruments THS3062DGNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 10
VCC =±5 V, ±15 V
RL = 150 Ω, 1 kΩ
VI = 100 mVPP,
16
17
18
19
20
21
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = -1
VCC =±5 V
RL = 150 Ω
VI = 100 mVPP
-4
-3
-2
-1
0
1
2
3
Rf 332 Ω
Rf 560 Ω
Rf 511 Ω
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = -1
VCC =±15 V
RL = 150 Ω
VI = 100 mVPP
-4
-3
-2
-1
0
1
2
3
Rf 332 Ω
Rf 560 Ω
Rf 475 Ω
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 2
VCC = ±5 V
Rf = 604 Ω
RL = 150 Ω
RL = 1 kΩ
VI = 2 VPP,
2
3
4
5
6
7
8
-100
-90
-80
-70
-60
-50
-40
-30
-20
100 k
1 M
10 M
100 M
VCC = ±15 V
G = 1
RL = 150 Ω
VO = 2 VPP
Rf = 750 Ω
f - Frequency - Hz
2nd HD
3rd HD
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 2
VCC = ±15 V
Rf = 560 Ω
VI = 2 VPP,
Rf = 1 KΩ
RL = 150 Ω
0
3
6
9
100 k
1 M
10 M
100 M
VCC = ±5 V
G = 1
RL = 150 Ω
VO = 2 VPP
Rf = 750 Ω
f - Frequency - Hz
2nd HD
3rd HD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-100
-80
-60
-40
-20
100 k
1 M
10 M
100 M
VCC = ±15 V
G = 1
RL = 150 Ω
VO = 2 VPP
Rf = 845 Ω
f - Frequency - Hz
2nd HD
3rd HD
1 M
10 M
100 M
f − Frequency − Hz
−110
−100
−90
−80
−70
−60
3rd HD
2nd HD
VCC = ±5 V, VCC = ±15 V
G = 2
Rf = 560 Ω
RL = 150 Ω
VO = 1 VPP
THS3061
THS3062
www.ti.com
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 12.
Figure 13.
Figure 14.
THS3061
LARGE-SIGNAL
LARGE-SIGNAL
HARMONIC DISTORTION
FREQUENCY RESPONSE
FREQUENCY RESPONSE
vs FREQUENCY
Figure 15.
Figure 16.
Figure 17.
THS3062
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs FREQUENCY
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
Figure 20.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3062DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGN TI-THS3062DGN Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3062DGN TI1-THS3062DGN Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DGNG4 TI1-THS3062DGNG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3062DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061 TI1-THS3061_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com