Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD11 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD11
Description  3.3-V RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD11 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75HVD11 Datasheet HTML 6Page - Texas Instruments SN75HVD11 Datasheet HTML 7Page - Texas Instruments SN75HVD11 Datasheet HTML 8Page - Texas Instruments SN75HVD11 Datasheet HTML 9Page - Texas Instruments SN75HVD11 Datasheet HTML 10Page - Texas Instruments SN75HVD11 Datasheet HTML 11Page - Texas Instruments SN75HVD11 Datasheet HTML 12Page - Texas Instruments SN75HVD11 Datasheet HTML 13Page - Texas Instruments SN75HVD11 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Pulse Generator,
15
µs Duration,
1% Duty Cycle
tr, tf ≤ 100 ns
100
± 1%
_
+
A
B
R
D
DE
RE
0 V or 3 V
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
3 V or 0 V
Input
Generator
50
Generator: PRR = 100 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
RE
R
A
B
3 V
1.5 V
tPZH(2)
1.5 V
3 V
0 V
VOH
GND
VI
VO
0 V or 1.5 V
1.5 V or 0 V
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
VI
1 k
Ω ± 1%
A
B
S1
A at 1.5 V
B at 0 V
S1 to B
tPZL(2)
1.5 V
3 V
VOL
VO
A at 0 V
B at 1.5 V
S1 to A
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505M – FEBRUARY 2002 – REVISED JULY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Receiver Enable Time From Standby (Driver Disabled)
Figure 11. Test Circuit, Transient Over Voltage Test
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD10 SN65HVD10Q SN75HVD10 SN65HVD11 SN65HVD11Q SN75HVD11
SN65HVD12 SN75HVD12


Similar Part No. - SN75HVD11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD11 TI-SN75HVD11 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN75HVD11 TI-SN75HVD11 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD1176 TI-SN75HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN75HVD1176 TI-SN75HVD1176 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN75HVD1176D TI-SN75HVD1176D Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com