Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4120IDGK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4120IDGK
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4120IDGK Datasheet(HTML) 4 Page - Texas Instruments

  THS4120IDGK Datasheet HTML 1Page - Texas Instruments THS4120IDGK Datasheet HTML 2Page - Texas Instruments THS4120IDGK Datasheet HTML 3Page - Texas Instruments THS4120IDGK Datasheet HTML 4Page - Texas Instruments THS4120IDGK Datasheet HTML 5Page - Texas Instruments THS4120IDGK Datasheet HTML 6Page - Texas Instruments THS4120IDGK Datasheet HTML 7Page - Texas Instruments THS4120IDGK Datasheet HTML 8Page - Texas Instruments THS4120IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
TYPICAL CHARACTERISTICS
Table of Graphs
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
V
DD = 3.3 V, RL = 800 Ω, TA = 25°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
CMRR Common-mode rejection ratio
TA = full range
64
96
dB
0.35
0.65 to
VICR
Common-mode input voltage range
TA = full range
to
V
VDD – 0.1
VDD
ri
Input resistance (dc level)
Measured into each input terminal
820
M
Ci
Input capacitance, closed loop
3
pF
ro
Output resistance
See Figure 16
1
OUTPUT CHARACTERISTICS
VOH
High-level output Voltage
VIC = VDD/2, VDD = 3.3 V,
TA = 25°C
3.05
3.15
V
VOL
Low-level output Voltage
VIC = VDD/2, VDD = 3.3 V,
TA = 25°C
0.25
0.15
V
IO
Output current (sink), RL = 7 Ω
VDD = 3.3 V,
TA = 25°C
80
100
mA
IO
Output current (source), RL = 7 Ω
VDD = 3.3 V,
TA = 25°C
20
25
mA
POWER SUPPLY
VDD
Supply voltage range
Single supply
3.3
V
TA = 25°C
11
13.5
IDD
Quiescent current (per amplifier)
VDD = 3.3 V
mA
TA = full range
16
PSRR
Power-supply rejection ratio
TA = 25°C
68
85
dB
POWER-DOWN CHARACTERISTICS (THS4120 ONLY)
Enable
>1.4
Power-down voltage level(2)
V
Power down
<1.2
TA = 25°C
120
Power-down quiescent current
µA
TA = full range
130
ton
Turn-on time delay
4.8
µs
50% of final supply current value
toff
Turn-off time delay
3
ns
zo
Output impedance
f = 1 MHz
1
k
(1)
The full range temperature is 0
°C to 70°C for the C suffix, and –40°C to 85°C for the I suffix.
(2)
For detail information on the power-down circuit, see the power-down section in the application section of this data sheet.
FIGURE
Small-signal frequency response
1
SR
Slew rate
2
vs Frequency
3
THD
Total harmonic distortion
vs Output voltage
4
vs Frequency
5, 6, 7
Harmonic distortion
vs Output voltage
8, 9
Third intermodulation distortion
vs Output voltage
10
VO
Output voltage
vs Load resistance
11
Settling time
12
Vn
Voltage noise
vs Frequency
13
VOO
Output offset voltage
vs Common-mode input voltage
14
CMMR
Common-mode rejection ratio
vs Frequency
15
zos
Single-ended output impedance (closed loop)
vs Frequency
16
4
Submit Documentation Feedback


Similar Part No. - THS4120IDGK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4120IDGNR NSC-THS4120IDGNR Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4120IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com