Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD12DG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD12DG4
Description  3.3-V RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD12DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD12DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 9Page - Texas Instruments SN65HVD12DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505M – FEBRUARY 2002 – REVISED JULY 2013
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
HVD10
12.5
20
25
ns
tPHL
Propagation delay time, high-to-low-level output
HVD10
12.5
20
25
HVD11
tPLH
Propagation delay time, low-to-high-level output
30
55
70
ns
HVD12
VID = –1.5 V to 1.5 V,
HVD11
CL = 15 pF,
tPHL
Propagation delay time, high-to-low-level output
30
55
70
ns
HVD12
See Figure 8
HVD10
1.5
tsk(p)
Pulse skew (|tPHL – tPLH|)
HVD11
4
ns
HVD12
4
HVD10
8
tsk(pp)
(2)
Part-to-part skew
HVD11
15
ns
HVD12
15
tr
Output signal rise time
1
2
5
CL = 15 pF,
ns
See Figure 8
tf
Output signal fall time
1
2
5
tPZH
(1)
Output enable time to high level
15
tPZL
(1)
Output enable time to low level
15
CL = 15 pF, DE at 3 V,
ns
See Figure 9
tPHZ
Output disable time from high level
20
tPLZ
Output disable time from low level
15
tPZH
(2)
Propagation delay time, standby-to-high-level output
6
CL = 15 pF, DE at 0,
μs
See Figure 10
tPZL
(2)
Propagation delay time, standby-to-low-level output
6
(1)
All typical values are at 25°C and with a 3.3-V supply
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
THERMAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High
−K board(3), No airflow
D pkg
121
Junction
−to−ambient thermal
θJA
resistance(2)
No airflow(4)
P pkg
93
High
−K board
D pkg
67
Junction
−to−board thermal
θJB
°C/W
resistance
See (4)
P pkg
57
D pkg
41
Junction
−to−case thermal
θJC
resistance
P pkg
55
HVD10
198
250
(32 Mbps)
RL= 60 Ω, CL = 50 pF,
DE at VCC, RE at 0 V,
HVD11
141
176
PD
Device power dissipation
mW
Input to D a 50% duty cycle square
(10 Mbps)
wave at indicated signaling rate
HVD12
133
161
(500 kbps)
High
−K board, No airflow
D pkg
–40
116
TA
Ambient air temperature
No airflow(4)
P pkg
–40
123
°C
TJSD
Thermal shutdown junction temperature
165
(1)
See Application Information section for an explanation of these parameters.
(2)
The intent of
θJA specification is solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment.
(3)
JSD51
−7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
(4)
JESD51
−10, Test Boards for Through-Hole Perimeter Leaded Package Thermal Measurements.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD10 SN65HVD10Q SN75HVD10 SN65HVD11 SN65HVD11Q SN75HVD11
SN65HVD12 SN75HVD12


Similar Part No. - SN65HVD12DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD12D TI-SN65HVD12D Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD12D TI-SN65HVD12D Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD12DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com