Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751701 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN751701
Description  LINE DRIVER AND RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN751701 Datasheet(HTML) 3 Page - Texas Instruments

  SN751701 Datasheet HTML 1Page - Texas Instruments SN751701 Datasheet HTML 2Page - Texas Instruments SN751701 Datasheet HTML 3Page - Texas Instruments SN751701 Datasheet HTML 4Page - Texas Instruments SN751701 Datasheet HTML 5Page - Texas Instruments SN751701 Datasheet HTML 6Page - Texas Instruments SN751701 Datasheet HTML 7Page - Texas Instruments SN751701 Datasheet HTML 8Page - Texas Instruments SN751701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN751701
LINE DRIVER AND RECEIVER
SLLS531 – MARCH 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC +
Supply voltage
4.5
15
V
VCC –
Supply voltage
–4.5
–15
V
VI(D)
Input voltage, driver
15
V
VI(R)
Input voltage, receiver
–25
25
V
IRESP Response control current
–5.5
5.5
mA
IO(R)
Output current, receiver
24
mA
TA
Operating free-air temperature
P package
–20
85
°C
TA
O erating free-air tem erature
PS package
–20
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
total device
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC = ±5 V
VI(D) = 2V,
6.3
8.1
ICCH+
High-level supply current
VCC = ±9 V
VI(D) = 2 V,
VI(R) = VT+(max),
9.1
11.9
mA
VCC = ±12 V
()
(
)
Output open
10.4
14
VCC = ±5 V
VI(D) = 0.8 V,
2.5
3.4
ICCL+
Low-level supply current
VCC = ±9 V
VI(D) = 0.8 V,
VI(R) = VT–(min),
3.7
5.1
mA
VCC = ±12 V
()
()
Output open
4.1
5.6
VCC = ±5 V
VI(D) = 2V,
–2.4
–3.1
ICCH–
High-level supply current
VCC = ±9 V
VI(D) = 2 V,
VI(R) = VT+(max),
–3.9
–4.9
mA
VCC = ±12 V
()
(
)
Output open
–4.8
–6.1
VCC = ±5 V
VI(D) = 0.8 V,
–0.2
–0.35
ICCL–
Low-level supply current
VCC = ±9 V
VI(D) = 0.8 V,
VI(R) = VT–(min),
–0.25
–0.4
mA
VCC = ±12 V
()
()
Output open
–0.27
–0.45
ICC
Positive supply current
VCC = ±5 V
VI(R) = VT+(max), VI(D) = 0 V,
VCC =0V
4.8
6.4
mA
ICC+
Positive supply current
VCC = ±12 V
VCC– = 0 V,
Output open
6.7
9.1
mA
† All typical values are at TA = 25°C.


Similar Part No. - SN751701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI1-SN751701 Datasheet
498Kb / 20P
[Old version datasheet]   LINE DRIVER AND RECEIVER
MARCH 2002
SN751701P TI1-SN751701P Datasheet
498Kb / 20P
[Old version datasheet]   LINE DRIVER AND RECEIVER
MARCH 2002
SN751701PSR TI-SN751701PSR Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSR TI1-SN751701PSR Datasheet
498Kb / 20P
[Old version datasheet]   LINE DRIVER AND RECEIVER
MARCH 2002
More results

Similar Description - SN751701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155 TI-SN75155 Datasheet
162Kb / 10P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com