Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2553-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2553-Q1
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2553-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2553-Q1 Datasheet HTML 1Page - Texas Instruments TPS2553-Q1 Datasheet HTML 2Page - Texas Instruments TPS2553-Q1 Datasheet HTML 3Page - Texas Instruments TPS2553-Q1 Datasheet HTML 4Page - Texas Instruments TPS2553-Q1 Datasheet HTML 5Page - Texas Instruments TPS2553-Q1 Datasheet HTML 6Page - Texas Instruments TPS2553-Q1 Datasheet HTML 7Page - Texas Instruments TPS2553-Q1 Datasheet HTML 8Page - Texas Instruments TPS2553-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
2
3
4
5
6
OUT
FAULT
ILIM
EN
GND
IN
PAD
1
2
3
4
5
6
OUT
FAULT
ILIM
EN
GND
IN
TPS2553-Q1
DBV PACKAGE
(TOP VIEW)
EN = Active Low for the TPS2553-Q1
EN = Active High for the TPS2553-Q1
Add -1 to part number for lach-off version
OUT
IN
GND
FAULT
ILIM
EN
R
ILIM
20 kW
R
FAULT
100 kW
Control Signal
5V USB
Input
USB
Port
USB Data
TPS
2553-Q1
0.1 F
m
120 F
m
Fault Signal
Power Pad
USB requirement only*
*
facing ports are bypassed with at least
120 F per hub
USB requirement that downstream
m
TPS2553-Q1
DRV PACKAGE
(TOP VIEW)
TPS2553-Q1
www.ti.com
SLVSBD0 – NOVEMBER 2012
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Check for Samples: TPS2553-Q1
1
FEATURES
Fast Overcurrent Response - 2-
μs (typ)
85-m
Ω High-Side MOSFET (DBV Package)
2
Qualified for Automotive Applications
Reverse Input-Output Voltage Protection
AEC-Q100 Qualified With the Following
Results:
Operating Range: 2.5 V to 6.5 V
Device Temperature Grade 1: –40°C to
Built-in Soft-Start
125°C Ambient Operating Temperature
15 kV ESD Protection per IEC 61000-4-2 (with
Range
External Capacitance)
Device HBM ESD Classification Level H2
UL Listed – File No. E169910 and NEMKO
Device CDM ESD Classification Level C3B
IEC60950-1-am1 ed2.0
Up to 1.5 A Maximum Load Current
See the TI Switch Portfolio
±6% Current-Limit Accuracy at 1.7 A (typ)
APPLICATIONS
Meets USB Current-Limiting Requirements
Automotive
Backwards Compatible with TPS2550/51
Power Distribution
Adjustable current-limit, 75 mA–1300 mA (typ)
Current Limiting
Constant-Current (TPS2553-Q1)
DESCRIPTION
The TPS2553-Q1 power-distribution switches are intended for applications where precision current-limiting is
required or heavy capacitive loads and short circuits are encountered and provide up to 1.5 A of continuous load
current. These devices offer a programmable current-limit threshold between 75 mA and 1.7 A (typ) via an
external resistor. Current-limit accuracy as tight as ±6% can be achieved at the higher current-limit settings. The
power-switch rise and fall times are controlled to minimize current surges during turn on/off.
TPS2553-Q1 devices limit the output current to a safe level by using a constant-current mode when the output
load exceeds the current-limit threshold. An internal reverse- voltage comparator disables the power- switch
when the output voltage is driven higher than the input to protect devices on the input side of the switch. The
FAULT output asserts low during overcurrent and reverse-voltage conditions.
Figure 1. Typical Application as USB Power Switch
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553-Q1 TI1-TPS2553-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2553-Q1 TI1-TPS2553-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com