Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5430DDAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430DDAR
Description  3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5430DDAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5430DDAR Datasheet HTML 5Page - Texas Instruments TPS5430DDAR Datasheet HTML 6Page - Texas Instruments TPS5430DDAR Datasheet HTML 7Page - Texas Instruments TPS5430DDAR Datasheet HTML 8Page - Texas Instruments TPS5430DDAR Datasheet HTML 9Page - Texas Instruments TPS5430DDAR Datasheet HTML 10Page - Texas Instruments TPS5430DDAR Datasheet HTML 11Page - Texas Instruments TPS5430DDAR Datasheet HTML 12Page - Texas Instruments TPS5430DDAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Feed Forward Gain +
VIN
Ramp
pk*pk
TPS5430
TPS5431
www.ti.com
SLVS632E – JANUARY 2006 – REVISED SEPTEMBER 2013
Undervoltage Lockout (UVLO)
The TPS5430/TPS5431 incorporates an undervoltage lockout circuit to keep the device disabled when VIN (the
input voltage) is below the UVLO start voltage threshold. During power up, internal circuits are held inactive and
the internal slow start is grouded until VIN exceeds the UVLO start threshold voltage. Once the UVLO start
threshold voltage is reached, the internal slow start is released and device start-up begins. The device operates
until VIN falls below the UVLO stop threshold voltage. The typical hysteresis in the UVLO comparator is 330 mV.
Boost Capacitor (BOOT)
Connect a 0.01
μF low-ESR ceramic capacitor between the BOOT pin and PH pin. This capacitor provides the
gate drive voltage for the high-side MOSFET. X7R or X5R grade dielectrics are recommended due to their stable
values over temperature.
Output Feedback (VSENSE) and Internal Compensation
The output voltage of the regulator is set by feeding back the center point voltage of an external resistor divider
network to the VSENSE pin. In steady-state operation, the VSENSE pin voltage should be equal to the voltage
reference 1.221 V.
The TPS5430/TPS5431 implements internal compensation to simplify the regulator design. Since the
TPS5430/TPS5431 uses voltage mode control, a type 3 compensation network has been designed on chip to
provide a high crossover frequency and a high phase margin for good stability. See the Internal Compensation
Network in the applications section for more details.
Voltage Feed Forward
The internal voltage feed forward provides a constant dc power stage gain despite any variations with the input
voltage. This greatly simplifies the stability analysis and improves the transient response. Voltage feed forward
varies the peak ramp voltage inversely with the input voltage so that the modulator and power stage gain are
constant at the feed forward gain, i.e.
(1)
The typical feed forward gain of TPS5430/TPS5431 is 25.
Pulse-Width-Modulation (PWM) Control
The regulator employs a fixed frequency pulse-width-modulator (PWM) control method. First, the feedback
voltage (VSENSE pin voltage) is compared to the constant voltage reference by the high gain error amplifier and
compensation network to produce a error voltage. Then, the error voltage is compared to the ramp voltage by the
PWM comparator. In this way, the error voltage magnitude is converted to a pulse width which is the duty cycle.
Finally, the PWM output is fed into the gate drive circuit to control the on-time of the high-side MOSFET.
Overcurrent Limiting
Overcurrent limiting is implemented by sensing the drain-to-source voltage across the high-side MOSFET. The
drain to source voltage is then compared to a voltage level representing the overcurrent threshold limit. If the
drain-to-source voltage exceeds the overcurrent threshold limit, the overcurrent indicator is set true. The system
will ignore the overcurrent indicator for the leading edge blanking time at the beginning of each cycle to avoid any
turn-on noise glitches.
Once overcurrent indicator is set true, overcurrent limiting is triggered. The high-side MOSFET is turned off for
the rest of the cycle after a propagation delay. The overcurrent limiting mode is called cycle-by-cycle current
limiting.
Sometimes under serious overload conditions such as short-circuit, the overcurrent runaway may still happen
when using cycle-by-cycle current limiting. A second mode of current limiting is used, i.e. hiccup mode
overcurrent limiting. During hiccup mode overcurrent limiting, the voltage reference is grounded and the high-side
MOSFET is turned off for the hiccup time. Once the hiccup time duration is complete, the regulator restarts under
control of the slow start circuit.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS5430 TPS5431


Similar Part No. - TPS5430DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430DDAR TI-TPS5430DDAR Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430DDAR TI1-TPS5430DDAR Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430DDARG4 TI-TPS5430DDARG4 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430DDARG4 TI1-TPS5430DDARG4 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5430DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com