Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2320IDG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2320IDG4
Description  DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2320IDG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2320IDG4 Datasheet HTML 1Page - Texas Instruments TPS2320IDG4 Datasheet HTML 2Page - Texas Instruments TPS2320IDG4 Datasheet HTML 3Page - Texas Instruments TPS2320IDG4 Datasheet HTML 4Page - Texas Instruments TPS2320IDG4 Datasheet HTML 5Page - Texas Instruments TPS2320IDG4 Datasheet HTML 6Page - Texas Instruments TPS2320IDG4 Datasheet HTML 7Page - Texas Instruments TPS2320IDG4 Datasheet HTML 8Page - Texas Instruments TPS2320IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS2320
TPS2321
www.ti.com
SLVS276F – MARCH 2000 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
over recommended operating temperature range (–40°C < TA < 85°C), 3V ≤ VI(IN1) ≤13V, 3V ≤ VI(IN2) ≤ 5.5V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
II(IN1)
Input current, IN1
VI(ENABLE) = 5 V (TPS2321),
0.5
1
mA
II(IN2)
Input current, IN2
VI(ENABLE) = 0 V (TPS2320)
75
200
µA
Standby current (sum of
currents into IN1, IN2,
VI(ENABLE) = 0 V (TPS2321),
II(stby)
5
µA
ISENSE1, ISENSE2,
VI(ENABLE) = 5 V (TPS2320)
ISET1, and ISET2)
GATE1
VG(GATE1_3V)
VI(IN1) = 3 V
9
11.5
VG(GATE1_4.5V)
Gate voltage
II(GATE1) = 500 nA, DISCH1 open
VI(IN1) = 4.5 V
10.5
14.5
V
VG(GATE1_10.8V)
VI(IN1) = 10.8 V
16.8
21
Clamping voltage, GATE1
VC(GATE1)
9
10
12
V
to DISCH1
3 V
≤ VI(IN1) ≤ 13.2 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
IS(GATE1)
Source current, GATE1
10
14
20
μA
VI(GATE1) = VI(IN1) + 6 V
3 V
≤ VI(IN1) ≤ 13.2 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
Sink current, GATE1
50
75
100
µA
VI(GATE1) = VI(IN1)
VI(IN1) = 3 V
0.5
tr(GATE1)
Rise time, GATE1
Cg to GND = 1 nF
(1)
VI(IN1) = 4.5 V
0.6
ms
VI(IN1) = 10.8 V
1
VI(IN1) = 3 V
0.1
tf(GATE1)
Fall time, GATE1
Cg to GND = 1 nF
(1)
VI(IN1) = 4.5 V
0.12
ms
VI(IN1) = 10.8 V
0.2
GATE2
VG(GATE2_3V)
VI(IN2) = 3 V
9
11.7
Gate voltage
II(GATE2) = 500 nA, DISCH2 open
V
VG(GATE2_4.5V)
VI(IN2) = 4.5 V
10.5
14.7
Clamping voltage, GATE2
VC(GATE2)
9
10
12
V
to DISCH2
3 V
≤ VI(IN2) ≤ 5.5 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
IS(GATE2)
Source current, GATE2
10
14
20
μA
VI(GATE2) = VI(IN2) + 6 V
3 V
≤ VI(IN2)≤ 5.5 V, 3 V ≤ VO(VREG)≤ 5.5 V,
Sink current, GATE2
50
75
100
µA
VI(GATE2) = VI(IN2)
VI(IN2) = 3 V
0.5
tr(GATE2)
Rise time, GATE2
Cg to GND = 1 nF
(1)
ms
VI(IN2) = 4.5 V
0.6
VO(VREG) = 3 V
VI(IN2) = 3 V
0.1
tf(GATE2)
Fall time, GATE2
Cg to GND = 1 nF
(1)
ms
VI(IN2) = 4.5 V
0.12
(1)
Specified, but not production tested.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2320 TPS2321


Similar Part No. - TPS2320IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IDG4 TI-TPS2320IDG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IDG4 TI-TPS2320IDG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2320IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com