Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320TCI6482DZTZ2 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320TCI6482DZTZ2
Description  Communications Infrastructure Digital Signal Processor
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TCI6482DZTZ2 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320TCI6482DZTZ2 Datasheet HTML 1Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 2Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 3Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 4Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 5Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 6Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 7Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 8Page - Texas Instruments TMS320TCI6482DZTZ2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 260 page
background image
A
2
B
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
27
28
29
AG
AH
AJ
TMS320TCI6482
SPRS246K – APRIL 2005 – REVISED MARCH 2012
www.ti.com
• Trace-Enabled Device
(CTZ, GTZ, or ZTZ Suffix), 0.8-mm Ball Pitch
• IEEE-1149.1 (JTAG™) Boundary-Scan-
• 0.09-
μm/7-Level Cu Metal Process (CMOS)
Compatible
• 3.3-/1.8-/1.5-/1.25-/1.2-V I/Os,
• 697-Pin Ball Grid Array (BGA) Package
1.25-/1.2-V Internal
1.1
CTZ/GTZ/ZTZ BGA Package (Bottom View)
Figure 1-1 shows the TMS320TCI6482 device 697-pin ball grid array package (bottom view).
Figure 1-1. CTZ/GTZ/ZTZ BGA Package (Bottom View)
1.2
Description
The TMS320C64x+™ DSPs (including the TMS320TCI6482 device) are the highest-performance fixed-
point DSP generation in the TMS320C6000™ DSP platform. The TCI6482 device is based on the third-
generation
high-performance,
advanced
VelociTI™
very-long-instruction-word
(VLIW)
architecture
developed by Texas Instruments (TI), making these DSPs an excellent choice for applications including
video and telecom infrastructure, imaging/medical, and wireless infrastructure (WI). The C64x+™ devices
are upward code-compatible from previous devices that are part of the C6000™ DSP platform.
Based on 90-nm process technology and with performance of up to 9600 million instructions per second
(MIPS) [or 9600 16-bit MMACs per cycle] at a 1.2-GHz clock rate, the TCI6482 device offers cost-effective
solutions to high-performance DSP programming challenges. The TCI6482 DSP possesses the
operational flexibility of high-speed controllers and the numerical capability of array processors.
The C64x+ DSP core employs eight functional units, two register files, and two data paths. Like the earlier
C6000 devices, two of these eight functional units are multipliers or .M units. Each C64x+ .M unit doubles
the multiply throughput versus the C64x core by performing four 16-bit x 16-bit multiply-accumulates
(MACs) every clock cycle. Thus, eight 16-bit x 16-bit MACs can be executed every cycle on the C64x+
core. At a 1.2-GHz clock rate, this means 9600 16-bit MMACs can occur every second. Moreover, each
multiplier on the C64x+ core can compute one 32-bit x 32-bit MAC or four 8-bit x 8-bit MACs every clock
cycle.
The TCI6482 device includes Serial RapidIO®. This high bandwidth peripheral dramatically improves
system performance and reduces system cost for applications that include multiple DSPs on a board,
such as video and telecom infrastructures and medical/imaging.
2
Features
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320TCI6482


Similar Part No. - TMS320TCI6482DZTZ2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6482 TI-TMS320TCI6482 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482ZTZ TI-TMS320TCI6482ZTZ Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482ZTZ8 TI-TMS320TCI6482ZTZ8 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482ZTZA TI-TMS320TCI6482ZTZA Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482ZTZA8 TI-TMS320TCI6482ZTZA8 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results

Similar Description - TMS320TCI6482DZTZ2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482 TI-TMS320TCI6482 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com