Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467CZUTAV Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320DM6467CZUTAV
Description  Digital Media System-on-Chip
Download  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6467CZUTAV Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM6467CZUTAV Datasheet HTML 5Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 6Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 7Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 8Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 9Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 10Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 11Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 12Page - Texas Instruments TMS320DM6467CZUTAV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
Table 3-1. Characteristics of the DM6467 Processor (continued)
HARDWARE FEATURES
DM6467
C64x+ Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
(address location: 0x0181 2000)
JTAGID Register
See Section 7.29.1, JTAG ID (JTAGID) Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s)
DSP 594 MHz (-594)
DSP 729 MHz (-729)
CPU Frequency
MHz
ARM926 297 MHz(-594)
ARM926 364.5 MHz(-729)
DSP 1.68 ns (-594)
DSP 1.37 ns (-729)
Cycle Time
ns
ARM926 3.37 ns (-594)
ARM926 2.74 ns (-729)
Normal
1.2 V (-594, -594A, -729, -729D)
Voltage
Core (V)
1.2 V (-594V, -594AV)
SmartReflex
(see Table 4-39)
1.05 V (-594V, -594AV)
I/O (V)
1.8 V, 3.3 V (-594, -729)
DEV_CLKIN frequency multiplier (PLLC1)
x1 (Bypass), x14 to x22 (-594)
(27-MHz reference)
x1 (Bypass), x14 to x27 (-729)
PLL Options
DEV_CLKIN frequency multiplier (PLLC2)
x1 (Bypass), x14 to x22 (-594)
(27-MHz reference)
x1 (Bypass), x14 to x23 (-729)
AUX_CLKIN frequency
24/48-MHz reference
BGA Package
19 x 19 mm
529-Pin BGA (CUT)
Process Technology
μm
0.09
μm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467


Similar Part No. - TMS320DM6467CZUTAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6467CZUTAV TI-TMS320DM6467CZUTAV Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUTAV TI-TMS320DM6467CZUTAV Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUTAV TI-TMS320DM6467CZUTAV Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUTAV TI-TMS320DM6467CZUTAV Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6467CZUTAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com