Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS726126 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS726126
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS726126 Datasheet(HTML) 3 Page - Texas Instruments

  TPS726126 Datasheet HTML 1Page - Texas Instruments TPS726126 Datasheet HTML 2Page - Texas Instruments TPS726126 Datasheet HTML 3Page - Texas Instruments TPS726126 Datasheet HTML 4Page - Texas Instruments TPS726126 Datasheet HTML 5Page - Texas Instruments TPS726126 Datasheet HTML 6Page - Texas Instruments TPS726126 Datasheet HTML 7Page - Texas Instruments TPS726126 Datasheet HTML 8Page - Texas Instruments TPS726126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Line regulation (mV)
+ (% V)
V
O 5.5 V * VImin
100
1000
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
www.ti.com
SLVS403H – MAY 2002 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range VI = VO(typ) + 1 V, IO= 1 mA, EN = IN, CO = 1 µF, CI = 1 µF (unless
otherwise noted). Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
(1)
Input voltage
1.8
6
V
IO
Continuous output current
0
1
A
Bandgap voltage reference
1.177
1.220
1.263
V
TPS726126
0 µA < IO < 1 A
1.8 V
≤ VI ≤ 5.5 V
1.222
1.26
1.298
TPS72615
0 µA < IO < 1 A
1.8 V
≤ VI ≤ 5.5 V
1.47
1.5
1.53
VO
Output voltage
TPS72616
0 µA < IO < 1 A
2.6 V
≤ VI ≤ 5.5 V
1.568
1.6
1.632
V
TPS72618
0 µA < IO < 1 A
2.8 V
≤ VI ≤ 5.5 V
1.764
1.8
1.836
TPS72625
0 µA < IO < 1 A
3.5 V
≤ VI ≤ 5.5 V
2.45
2.5
2.55
IO = 0 µA
75
120
I
Ground current
µA
IO = 1 A
210
300
Standby current
EN < 0.4 V
0.2
1
µA
Vn
Output noise voltage
BW = 200 Hz to 100 kHz
CO = 10 µF
150
µV
PSRR
Ripple rejection
f = 1 kHz, Co = 10 µF
60
dB
Current limit(2)
1.1
1.6
2.3
A
Output voltage line regulation
VO + 1 V < VI ≤ 5.5 V
–0.15
0.02
0.15
%/V
(
ΔVO/VO)
(3)
Output voltage load regulation
0 µA < IO < 1 A
–0.25
0.05
0.25
%/A
VIH
EN high level input
1.3
V
VIL
EN low level input
–0.2
0.4
II
EN input current
EN = 0 V or VI
0.01
100
nA
UVLO threshold
VCC rising
1.45
1.57
1.70
V
UVLO hysteresis
VCC rising
50
mV
UVLO deglitch
VCC rising
10
µs
UVLO delay
VCC rising
100
µs
TPS72625
IO = 1 A
170
280
VDO
Dropout voltage (4)
mV
TPS72618
IO = 1 A
210
320
Minimum input voltage for valid
1.3
V
RESET (VRES)
Trip threshold voltage
90
93
96
%VO
Hysteresis voltage
10
mV
RESET
t(RESET) delay time
100
200
300
ms
Rising edge deglitch
10
µs
Output low voltage (at 700 µA)
–0.3
0.4
V
Leakage current
100
nA
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN is 1.800 V or VO + VDO, whichever is greater.
(2)
Test condition includes, output voltage VO = VO – 15% and pulse duration = 10 ms.
(3)
VImin = (VO + 1) or 1.8 V whichever is greater.
(4)
Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with
VI = VO + 1 V.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS726126 TPS72615 TPS72616 TPS72618 TPS72625


Similar Part No. - TPS726126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126DCQ TI-TPS726126DCQ Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126DCQ TI1-TPS726126DCQ Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126DCQG4 TI1-TPS726126DCQG4 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS726126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com