Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3070-X Datasheet(PDF) 10 Page - Texas Instruments

Part # TP3070-X
Description  TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3070-X Datasheet(HTML) 10 Page - Texas Instruments

Back Button TP3070-X Datasheet HTML 6Page - Texas Instruments TP3070-X Datasheet HTML 7Page - Texas Instruments TP3070-X Datasheet HTML 8Page - Texas Instruments TP3070-X Datasheet HTML 9Page - Texas Instruments TP3070-X Datasheet HTML 10Page - Texas Instruments TP3070-X Datasheet HTML 11Page - Texas Instruments TP3070-X Datasheet HTML 12Page - Texas Instruments TP3070-X Datasheet HTML 13Page - Texas Instruments TP3070-X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Programmable Functions (Continued)
Three registers must be programmed in COMBO II to fully
configure the Hybrid Balance Filter as follows:
Register 1: select/de-select Hybrid Balance Filter;
invert/non-invert cancellation signal;
select/de-select Hybal2 filter section;
attenuator setting.
Register 2: select/de-select Hybal1 filter;
set Hybal1 to 2nd order or 1st order;
pole and zero frequency selection.
Register 3: program pole frequency in Hybal2 filter;
program zero frequency in Hybal2 filter.
Standard filter design techniques may be used to model the
echo path (see
Equation (1)) and design a matching hybrid
balance filter configuration. Alternatively, the frequency re-
sponse of the echo path can be measured and the hybrid
balance filter designed to replicate it.
A Hybrid Balance filter design guide and software optimiza-
tion program are available under license from National Semi-
conductor Corporation; order TP3077SW.
Applications Information
Figure 3 shows a typical application of the TP3071 together
with a typical monolithic SLIC. Four of the IL latches are con-
figured as outputs to control the relay drivers on the SLIC,
while IL4 is an input for the Supervision signal.
POWER SUPPLIES
While the pins of the TP3070 COMBO II devices are well
protected against electrical misuse, it is recommended that
the standard CMOS practice of applying GND to the device
before any other connections are made should always be
followed. In applications where the printed circuit card may
be plugged into a hot socket with power and clocks already
present, extra long pins on the connector should be used for
ground and V
BB. In addition, a Schottky diode should be con-
nected between V
BB and ground.
To minimize noise sources, all ground connections to each
device should meet at a common point as close as possible
to the device GND pin in order to prevent the interaction of
ground return currents flowing through a common bus im-
pedance. Power supply decoupling capacitors of 0.1 µF
should be connected from this common device ground point
to V
CC and VBB as close to the device pins as possible. VCC
and V
BB should also be decoupled with Low Effective Series
Resistance Capacitors of at least 10 µF located near the
card edge connector.
Further guidelines on PCB layout techniques are provided in
Application Note AN-614, “ COMBO IIProgrammable PCM
CODEC/Filter Family Application Guide”.
DS008635-5
FIGURE 2. Simplified Diagram of Hybrid Balance Circuit
www.national.com
9


Similar Part No. - TP3070-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
TP3070J NSC-TP3070J Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
TP3070V NSC-TP3070V Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
TP3070V-X NSC-TP3070V-X Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
More results

Similar Description - TP3070-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
TP3076 NSC-TP3076 Datasheet
222Kb / 18P
   COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Asahi Kasei Microsystem...
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
   QUAD PCM CODEC/FILTER COMBO LSI
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Asahi Kasei Microsystem...
AK2302 AKM-AK2302 Datasheet
488Kb / 16P
   Dual PCM Codec/Filter COMBO LSI
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com