Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70345PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70345PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70345PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS70345PWPR Datasheet HTML 2Page - Texas Instruments TPS70345PWPR Datasheet HTML 3Page - Texas Instruments TPS70345PWPR Datasheet HTML 4Page - Texas Instruments TPS70345PWPR Datasheet HTML 5Page - Texas Instruments TPS70345PWPR Datasheet HTML 6Page - Texas Instruments TPS70345PWPR Datasheet HTML 7Page - Texas Instruments TPS70345PWPR Datasheet HTML 8Page - Texas Instruments TPS70345PWPR Datasheet HTML 9Page - Texas Instruments TPS70345PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TPS70345, TPS70348
TPS70351, TPS70358
TPS70302
SLVS285H – AUGUST 2000 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating junction temperature range (TJ = –40°C to +125°C), VIN1 or VIN2 = VOUTX(nom) + 1V, IOUTX = 1mA,
EN = 0V, COUT1 = 22mF, and COUT2 = 47mF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PG Terminal
Minimum input voltage for valid PG
I(PG) = 300 mA,
V(PG1) ≤ 0.8 V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92
95
98
%VOUT
Hysteresis voltage
Measured at VO
0.5
%VOUT
tr(PG1)
Rising edge deglitch
30
ms
Output low voltage
VIN = 2.7 V,
I(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG1) = 6 V
1
mA
EN Terminal
High-level EN input voltage
2
V
Low-level EN input voltage
0.7
V
Input current (EN)
–1
1
mA
SEQ Terminal
High-level SEQ input voltage
2
V
Low-level SEQ input voltage
0.7
V
SEQ pull-up current source
6
mA
MR1/MR2 Terminal
High-level input voltage
2
V
Low-level input voltage
0.7
V
Pull-up current source
6
mA
VOUT2 Terminal
VOUT2 UV comparator: positive-going
input threshold voltage at VOUT1 UV
80
83
86
%VOUT
comparator
%VOUT,
VOUT2 UV comparator: hysteresis
3
mV
VOUT2 UV comparator: falling edge
VSENSE2 decreasing below threshold
140
ms
deglitch
Peak output current
2 ms pulse width
3
A
Discharge transistor current
VOUT2 = 1.5 V
7.5
mA
6
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated


Similar Part No. - TPS70345PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70345PWP TI-TPS70345PWP Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results

Similar Description - TPS70345PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com