Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS37005MNTWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS37005MNTWG
Description  Ground Fault Interrupter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS37005MNTWG Datasheet(HTML) 4 Page - ON Semiconductor

  NCS37005MNTWG Datasheet HTML 1Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 2Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 3Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 4Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 5Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 6Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 7Page - ON Semiconductor NCS37005MNTWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCS37005
http://onsemi.com
4
Table 3. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range
Vs
6.0 to 19 V
V
Input Voltage Range (Note 1)
Vin
−0.3 to 6.0
V
Output Voltage Range
Vout
−0.3 to 6.0 V or (Vin + 0.3),
whichever is lower
V
Maximum Junction Temperature
TJ(max)
140
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating: v150 mA per JEDEC standard: JESD78
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
Table 4. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, QFN16, 3x3.3 mm (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead2 (Note 5)
RθJA
RψJL
64
°C/W
Thermal Characteristics, TSOP−5 (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RθJA
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 5. OPERATING RANGES (Note 6)
Parameter
Conditions
Min
Typ
Max
Units
Operating Temperature
−40
85
C
IDD
2
mA
SCR Trigger Current
8
mA
SCR Trigger output voltage
With 5 V supply
4.5
5
V
Fault Current Sensitivity
Ground Fault with ±1% resistor for RctresD
4.5
5
5.5
mA
Ground Fault Response Time
5−20 mA
150
ms
Ground Fault Response Time
20−100 mA
75
ms
Ground Fault Response Time
>100 mA
25
ms
CT Turns Ratio
100
300
Internal Oscillator Frequency
2
MHz
CT Driver Closed Loop BW
500
KHz
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.


Similar Part No. - NCS37005MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37005MNTWG ONSEMI-NCS37005MNTWG Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
More results

Similar Description - NCS37005MNTWG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com