Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1860J Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1860J
Description  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1860J Datasheet(HTML) 2 Page - Texas Instruments

  UC1860J Datasheet HTML 1Page - Texas Instruments UC1860J Datasheet HTML 2Page - Texas Instruments UC1860J Datasheet HTML 3Page - Texas Instruments UC1860J Datasheet HTML 4Page - Texas Instruments UC1860J Datasheet HTML 5Page - Texas Instruments UC1860J Datasheet HTML 6Page - Texas Instruments UC1860J Datasheet HTML 7Page - Texas Instruments UC1860J Datasheet HTML 8Page - Texas Instruments UC1860J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UC1860
UC2860
UC3860
ELECTRICAL CHARACTERISTICS:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
TA = 25°C, IO = 0
4.95
5.00
5.05
V
IO = 0, Over Temp
4.93
5.07
V
Line Regulation
10
≤ VCC ≤ 20V
2
15
mV
Load Regulation
0
≤ IO ≤ 10mA
2
25
mV
Output Noise Voltage*
10Hz
≤ f ≤ 10kHz
50
µVRMS
Short Circuit Current
VREF = 0V
-150
-15
mA
Error Amplifier Section
Input Offset Voltage
2.8
≤ VCM ≤ 4.5V
1
8
mV
Input Bias Current
50
500
nA
Open Loop Gain
dVO = 1.5V
60
80
dB
PSRR
10
≤ VCC ≤ 20V
70
100
dB
Output Low (VO-VIVFO)
-0.1
≤ IO ≤ 0.1mA
-8
0
8
mV
Output High (VO-VIVFO)
-0.5
≤ IO ≤ 0.5mA
1.9
2
2.1
V
Unity Gain Bandwidth*
RIN = 2k
4
5
MHz
Oscillator Section
Nominal Frequency*
1.0
1.5
2.0
MHz
dF/dIOSC*
100
≤ IVFO ≤ 500µA
2
3
4
GHz/A
*Guaranteed by design but not 100% tested.
Unless otherwise stated, all specifications apply for -55°C
≤ TA ≤ 125°C for the
UC1860, -25°C
≤ TA ≤ 85°C for the UC2860, 0 ≤ TA ≤ 70°C for the UC3860, VCC =
12V, CVFO = 330pF, IVFO = 0.5mA, C = 330pF, and R = 2.7k, TA = TJ.
DIL - 24 (TOP VIEW)
J or N Package
PLCC-28, LCC-28
(TOP VIEW)
Q or L Package
PIN PACKAGE FUNCTION
FUNCTION
PIN
S GND
1
IVFO
2
CVFO
3
RC
4
VREF
5
CMP IN (-)
6
CMP IN (+)
7
TRIG
8
OSC DSBL
9
CMP OUT
10
N/C
11, 12
OUT A
13
PGND
14
N/C
15
VCC
16
OUT B
17
N/C
18, 19
MODE
20
SFT STRT
21
RST DLY
22
UVLO
23
FLT (-)
24
FLT (+)
25
EA IN (+)
26
EA IN (-)
27
EA OUT
28
CONNECTION DIAGRAM
2


Similar Part No. - UC1860J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Similar Description - UC1860J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com