Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF48AG Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMF48AG
Description  200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF48AG Datasheet(HTML) 2 Page - ON Semiconductor

  SMF48AG Datasheet HTML 1Page - ON Semiconductor SMF48AG Datasheet HTML 2Page - ON Semiconductor SMF48AG Datasheet HTML 3Page - ON Semiconductor SMF48AG Datasheet HTML 4Page - ON Semiconductor SMF48AG Datasheet HTML 5Page - ON Semiconductor SMF48AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
SMF5.0AT1G Series, SZSMF5.0AT1G Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Ppk Dissipation (PW−10/1000 ms) (Note 1) SMF5.0A − SMF58A
Ppk
200
W
Maximum Ppk Dissipation @ TA = 25°C, (PW−8/20 ms) (Note 2)
Ppk
1000
W
DC Power Dissipation
@ TA = 25°C (Note 3)
Derate above 25°C
Thermal Resistance, Junction−to−Ambient (Note 3)
°PD°
RqJA
385
4.0
325
°mW
mW/°C
°C/W
Thermal Resistance, Junction−to−Lead (Note 3)
RqJcathode
26
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 2.
2. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 3.
3. Mounted with recommended minimum pad size, DC board FR−4.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 4) = 12 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms,
duty cycle = 4 pulses per minute maximum.


Similar Part No. - SMF48AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF48AG ONSEMI-SMF48AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF48AG ONSEMI-SMF48AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF48AG ONSEMI-SMF48AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF48AG ONSEMI-SMF48AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF48AG ONSEMI-SMF48AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

Similar Description - SMF48AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com